Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTR3216SYC Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. APTR3216SYC
Description  3.2x1.6mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTR3216SYC Datasheet(HTML) 1 Page - Kingbright Corporation

  APTR3216SYC Datasheet HTML 1Page - Kingbright Corporation APTR3216SYC Datasheet HTML 2Page - Kingbright Corporation APTR3216SYC Datasheet HTML 3Page - Kingbright Corporation APTR3216SYC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1010
REV NO: V.2
DATE: MAR/11/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1203002427
Description
The Super Bright Yellow device is made with DH InGaAlP
(on GaAs substrate) light emitting diode chip.
APTR3216SYC
SUPER BRIGHT YELLOW
3.2x1.6mm SMD CHIP LED LAMP
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.2(0.008") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
3.2mmx1.6mm SMT LED,1.05mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VAVRIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
RoHS COMPLIANT.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
GHB-1206-YG23.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Gilway Technical Lamp
AP3216SGC3.2x1.6mm SMD CHIP LED LAMPS 1 2 3 4 5 Kingbright Corporation
APBA3010SURKSGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APHBM2012PBASURKC2.0x1.25mm SMD CHIP LED LAMP 1 2 3 4 5 MoreKingbright Corporation
APHHS1005SYCK1.0X0.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APHS1005SECK1.0X0.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APT1608SURCK1.6X0.8mm SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APTB1612ESGC1.6x1.25mm BI-COLOR SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn