Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTB1612ESGC Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. APTB1612ESGC
Description  1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1612ESGC Datasheet(HTML) 1 Page - Kingbright Corporation

  APTB1612ESGC Datasheet HTML 1Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 2Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 3Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 4Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD1078
REV NO: V.2
DATE: MAR/01/2005
PAGE: 1 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.CHENG
ERP: 1203002009
APTB1612ESGC
HIGH EFFICIENCY RED
SUPER BRIGHT GREEN
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
The Super Bright Green source color devices are made
with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions
1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
Features
1.6mmx1.25mm SMT LED, 0.65mm THICKNESS.
BI-COLOR,LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 2000PCS / REEL.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. Specifications are subject to change without notice.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
GHB-1206-YG2 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Gilway Technical Lamp
APBA3010SURKSGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APHBM2012PBASURKC 2.0x1.25mm SMD CHIP LED LAMP 1  2  3  4  5  More Kingbright Corporation
APHHS1005SYCK 1.0X0.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APHS1005SECK 1.0X0.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APT1608SURCK 1.6X0.8mm SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APBA3010ESGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3528SYCK 3.5x2.8 mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn