Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTB1612ESGC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. APTB1612ESGC
Description  1.6x1.25mm BI-COLOR SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTB1612ESGC Datasheet(HTML) 2 Page - Kingbright Corporation

  APTB1612ESGC Datasheet HTML 1Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 2Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 3Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 4Page - Kingbright Corporation APTB1612ESGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1078
REV NO: V.2
DATE: MAR/01/2005
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.CHENG
ERP: 1203002009
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
APTB1612ESGC
HIGH EFFICIENCY RED (GaAsP/GaP)
WATER CLEAR
4
12
SUPER BRIGHT GREEN (GaP)
4
12
120
°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
High Efficiency Red
Super Bright Green
627
565
nm
IF=20mA
λD
Dominant Wavelength
High Efficiency Red
Super Bright Green
625
568
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
High Efficiency Red
Super Bright Green
45
30
nm
IF=20mA
C
Capacitance
High Efficiency Red
Super Bright Green
15
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
High Efficiency Red
Super Bright Green
2.0
2.2
2.5
2.5
V
IF=20mA
IR
Reverse Current
All
10
uA
VR = 5V
Parameter
High Efficiency Red
Super Bright Green
Units
Power dissipation
105
105
mW
DC Forward Current
30
25
mA
Peak Forward Current [1]
160
140
mA
Reverse Voltage
V
Operating / Storage Temperature
-40°C To +85°C
5
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
GHB-1206-YG2 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Gilway Technical Lamp
APBA3010SURKSGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APHBM2012PBASURKC 2.0x1.25mm SMD CHIP LED LAMP 1  2  3  4  5  More Kingbright Corporation
APHHS1005SYCK 1.0X0.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APHS1005SECK 1.0X0.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APT1608SURCK 1.6X0.8mm SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APBA3010ESGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3528SYCK 3.5x2.8 mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn