Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT1608SURCK Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. APT1608SURCK
Description  1.6X0.8mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT1608SURCK Datasheet(HTML) 1 Page - Kingbright Corporation

  APT1608SURCK Datasheet HTML 1Page - Kingbright Corporation APT1608SURCK Datasheet HTML 2Page - Kingbright Corporation APT1608SURCK Datasheet HTML 3Page - Kingbright Corporation APT1608SURCK Datasheet HTML 4Page - Kingbright Corporation APT1608SURCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD0926
REV NO: V.6
DATE: MAR/25/2006
PAGE: 1 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1203005341
Description
The Hyper Red source color devices are made
with DH InGaAlP on GaAs substrate Light Emitting Diode.
P/N: APT1608SURCK
HYPER RED
Package Dimensions
1.6X0.8mm SMD CHIP LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
1.6mmX0.8mm SMT LED, 0.75mm THICKNESS.
LOW POWER CONSUMPTION.
W IDE V IEW ING ANGLE .
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE: 2000PCS / REEL .
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.


Similar Part No. - APT1608SURCK

ManufacturerPart No.DatasheetDescription
Kingbright Corporation
Kingbright Corporation
APT1608SURCK KINGBRIGHT-APT1608SURCK Datasheet
160Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
APT1608SURCK TO-GRACE-APT1608SURCK Datasheet
824Kb / 4P
   1.6 x 0.8 mm SMD Chip LED Lamp
Kingbright Corporation
Kingbright Corporation
APT1608SURCK-AMT KINGBRIGHT-APT1608SURCK-AMT Datasheet
327Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
APT1608SURCK-AMT TO-GRACE-APT1608SURCK-AMT Datasheet
989Kb / 5P
   1.6 x 0.8 mm SMD Chip LED Lamp
Kingbright Corporation
Kingbright Corporation
APT1608SURCK KINGBRIGHT-APT1608SURCK_07 Datasheet
160Kb / 5P
   1.6X0.8mm SMD CHIP LED LAMP
More results

Similar Description - APT1608SURCK

ManufacturerPart No.DatasheetDescription
Kingbright Corporation
Kingbright Corporation
AP1608CGCK KINGBRIGHT-AP1608CGCK Datasheet
121Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APHK1608PBC-A KINGBRIGHT-APHK1608PBC-A Datasheet
170Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APHK1608QBC-D KINGBRIGHT-APHK1608QBC-D Datasheet
284Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APHK1608RWC-A KINGBRIGHT-APHK1608RWC-A Datasheet
395Kb / 7P
   1.6x0.8mm SMD CHIP LED LAMP
APHK1608SECK KINGBRIGHT-APHK1608SECK Datasheet
278Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APHK1608SURCK KINGBRIGHT-APHK1608SURCK Datasheet
278Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APHK1608SYC KINGBRIGHT-APHK1608SYC Datasheet
158Kb / 5P
   1.6x0.8mm SMD CHIP LED LAMP
APHM1608YCT KINGBRIGHT-APHM1608YCT Datasheet
114Kb / 4P
   1.6x0.8mm SMD CHIP LED LAMP
AP1608SEC KINGBRIGHT-AP1608SEC Datasheet
103Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
APT1608SEC KINGBRIGHT-APT1608SEC Datasheet
99Kb / 4P
   1.6X0.8mm SMD CHIP LED LAMP
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz