Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APT1608SURCK Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. APT1608SURCK
Description  1.6X0.8mm SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APT1608SURCK Datasheet(HTML) 2 Page - Kingbright Corporation

  APT1608SURCK Datasheet HTML 1Page - Kingbright Corporation APT1608SURCK Datasheet HTML 2Page - Kingbright Corporation APT1608SURCK Datasheet HTML 3Page - Kingbright Corporation APT1608SURCK Datasheet HTML 4Page - Kingbright Corporation APT1608SURCK Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD0926
REV NO: V.6
DATE: MAR/25/2006
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP:1203005341
Selection Guide
Part No.
Dice
Lens Type
Iv (mcd) [2]
@ 20mA
Viewing
Angle [1]
Min.
Typ.
2
θθθθ1/2
APT1608SURCK
HYPER RED (InGaAlP)
WATER CLEAR
50
150
120
°
Electrical / Optical Characteristics at TA=25°C
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Hyper Red
650
nm
IF=20mA
λD [1]
Dominant Wavelength
Hyper Red
635
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Hyper Red
28
nm
IF=20mA
C
Capacitance
Hyper Red
35
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Hyper Red
1.95
2.5
V
IF=20mA
IR
Reverse Current
Hyper Red
10
uA
VR = 5V
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Absolute Maximum Ratings at TA=25°C
Parameter
Hyper Red
Units
Power dissipation
170
mW
DC Forward Current
30
mA
Peak Forward Current [1]
185
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
2. Luminous intensity/ luminous Flux: +/-15%.


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
GHB-1206-YG23.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Gilway Technical Lamp
APBA3010SURKSGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APHBM2012PBASURKC2.0x1.25mm SMD CHIP LED LAMP 1 2 3 4 5 MoreKingbright Corporation
APHHS1005SYCK1.0X0.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APHS1005SECK1.0X0.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn