Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APHS1005SECK Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. APHS1005SECK
Description  1.0X0.5mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHS1005SECK Datasheet(HTML) 2 Page - Kingbright Corporation

  APHS1005SECK Datasheet HTML 1Page - Kingbright Corporation APHS1005SECK Datasheet HTML 2Page - Kingbright Corporation APHS1005SECK Datasheet HTML 3Page - Kingbright Corporation APHS1005SECK Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD7163
REV NO: V.5
DATE: MAR/14/2005
PAGE: 2 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP:1203001479
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Part No.
Dice
Lens Type
Iv (mcd)
@ 20 mA
Viewing
Angle
Min.
Typ.
2
θθθθ1/2
APHS1005SECK
SUPER BRIGHT ORANGE (InGaAlP)
WATER CLEAR
50
160
120
°
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Super Bright Orange
610
nm
IF=20mA
λD
Dominant Wavelength
Super Bright Orange
601
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Super Bright Orange
29
nm
IF=20mA
C
Capacitance
Super Bright Orange
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Super Bright Orange
2.1
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Orange
10
uA
VR = 5V
Parameter
Super Bright Orange
Units
Power dissipation
75
mW
DC Forward Current
30
mA
Peak Forward Current [1]
195
mA
Reverse Voltage
5
V
Operating/Storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APHHS1005SYCK 1.0X0.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
GHB-1206-YG2 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Gilway Technical Lamp
APBA3010SURKSGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APHBM2012PBASURKC 2.0x1.25mm SMD CHIP LED LAMP 1  2  3  4  5  More Kingbright Corporation
APBA3010ESGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3528SYCK 3.5x2.8 mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APL3015CGCK 3.0mmx1.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APC3216XXX 3.2 X 1.6MM 1206 SMD CHIP LED 1  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn