Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APHHS1005SYCK Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. APHHS1005SYCK
Description  1.0X0.5mm SMD CHIP LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHHS1005SYCK Datasheet(HTML) 1 Page - Kingbright Corporation

  APHHS1005SYCK Datasheet HTML 1Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 2Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 3Page - Kingbright Corporation APHHS1005SYCK Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD0913
REV NO: V.4
DATE: MAR/11/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: B.H.LI
ERP: 1203001435
Package Dimensions
Description
The S uper B right Y ellow s ourc e c olor devic es are
made wit h DH I nGaAlP on GaAs s ubst rate Light
Emitt ing Diode.
APHHS1005SYCK
SUPER BRIGHT YELLOW
1.0X0.5mm SMD CHIP LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
1.0mmX0.5mm SMT LED, 0.5mm THICKNESS.
LOW POWER CONSUMPTION.
W IDE V IEW ING ANGLE .
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE: 2000PCS / REEL .
RoHS COMPLIANT.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GHB-1206-YG2 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Gilway Technical Lamp
APBA3010SURKSGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
APHBM2012PBASURKC 2.0x1.25mm SMD CHIP LED LAMP 1  2  3  4  5  More Kingbright Corporation
APBA3010ESGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3528SYCK 3.5x2.8 mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APL3015CGCK 3.0mmx1.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APC3216XXX 3.2 X 1.6MM 1206 SMD CHIP LED 1  Kingbright Corporation
AP3216SGC 3.2x1.6mm SMD CHIP LED LAMPS 1  2  3  4  5  Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn