Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APHBM2012PBASURKC Datasheet(PDF) 5 Page - Kingbright Corporation

Part No. APHBM2012PBASURKC
Description  2.0x1.25mm SMD CHIP LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APHBM2012PBASURKC Datasheet(HTML) 5 Page - Kingbright Corporation

  APHBM2012PBASURKC Datasheet HTML 1Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 2Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 3Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 4Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 5Page - Kingbright Corporation APHBM2012PBASURKC Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPEC NO: DSAG7624
REV NO: V.1
DATE: AUG/24/2006
PAGE: 5 OF 6
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1203005980
APHBM2012PBASURKC
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
Tape Specifications
(Units : mm)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GHB-1206-YG23.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Gilway Technical Lamp
APBA3010SURKSGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APC3216XXX3.2 X 1.6MM 1206 SMD CHIP LED 1 Kingbright Corporation
AP3216SGC3.2x1.6mm SMD CHIP LED LAMPS 1 2 3 4 5 Kingbright Corporation
FYLS-1206XXSMD LAMP 1 2 3 4 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn