Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APBA3010SURKSGC Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. APBA3010SURKSGC
Description  3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBA3010SURKSGC Datasheet(HTML) 3 Page - Kingbright Corporation

  APBA3010SURKSGC Datasheet HTML 1Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 2Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 3Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 4Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPEC NO: DSAD1090
REV NO: V.2
DATE: DEC/29/2003
PAGE: 3 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.J.HOU
APBA3010SURKSGC
Hyper Red


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
APBA3010ESGC 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1  2  3  4  5  Kingbright Corporation
AA3528SYCK 3.5x2.8 mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
APL3015CGCK 3.0mmx1.5mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
GHB-1206-YG2 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Gilway Technical Lamp
CR50TE-DLF CERLED Ceramic Chip SMD Wide-Viewing Angle CR 50 TE Photo Transistor 1  2  3  PerkinElmer Optoelectronics
AP3216SGC 3.2x1.6mm SMD CHIP LED LAMPS 1  2  3  4  5  Kingbright Corporation
PL505 5mm LED Single Right Angle Holder 1  List of Unclassifed Manufacturers
PL506 5mm LED Single Right Angle Holder 1  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn