Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APBA3010SURKSGC Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. APBA3010SURKSGC
Description  3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APBA3010SURKSGC Datasheet(HTML) 2 Page - Kingbright Corporation

  APBA3010SURKSGC Datasheet HTML 1Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 2Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 3Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 4Page - Kingbright Corporation APBA3010SURKSGC Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD1090
REV NO: V.2
DATE: DEC/29/2003
PAGE: 2 OF 5
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: S.J.HOU
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Part No.
Dice
Lens Type
Iv (mcd)
@ 20mA
Viewing
Angle
Min.
Typ.
2
θθθθ 1/2
APBA3010SURKSGC
HYPER RED (InGaAlP)
WATER CLEAR
110
200
SUPER BRIGHT GREEN (GaP)
2.6
12
140°
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Note:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
Symbol
Parameter
Device
Typ.
Max.
Test Conditions
Units
λpeak
Peak Wavelength
Hyper Red
Super Bright Green
650
565
nm
IF=20mA
λD
Dominate Wavelength
Hyper Red
Super Bright Green
635
568
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Hyper Red
Super Bright Green
28
30
nm
IF=20mA
C
Capacitance
Hyper Red
Super Bright Green
35
15
pF
VF=0V;f=1MHz
VF
Forward Voltage
Hyper Red
Super Bright Green
1.95
2.2
2.5
2.5
V
IF=20mA
IR
Reverse Current
All
10
uA
VR = 5V
Parameter
Hyper Red
Super Bright Green
Units
Power dissipation
170
105
mW
DC Forward Current
30
25
mA
Peak Forward Current [1]
185
140
mA
Reverse Voltage
5
5
V
Operating / storage Temperature
-40°C To +85°C


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
APBA3010ESGC3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3528SYCK3.5x2.8 mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
KP-1608SYC1.6x0.8mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
AP3216SYCK3.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation
GHB-1206-YG23.2x1.6mm SMD CHIP LED LAMP 1 2 3 4 Gilway Technical Lamp
CR50TE-DLFCERLED Ceramic Chip SMD Wide-Viewing Angle CR 50 TE Photo Transistor 1 2 3 PerkinElmer Optoelectronics
AP3216SGC3.2x1.6mm SMD CHIP LED LAMPS 1 2 3 4 5 Kingbright Corporation
PL5055mm LED Single Right Angle Holder 1 List of Unclassifed Manufacturers
PL5065mm LED Single Right Angle Holder 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn