Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC221A Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. MM74HC221A
Description  Dual Non-Retriggerable Monostable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

MM74HC221A Datasheet(HTML) 6 Page - Fairchild Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Typical Output Pulse Width
vs. Timing Components
Typical Distribution of Output
Pulse Width, Part to Part
Typical 1ms Pulse Width Variation
vs. Supply
Minimum REXT
vs. Supply Voltage
Typical 1 ms Pulse Width Variation
vs. Temperature
Note: R and C are not subjected to temperature. The C is polypropylene.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn