Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM2520SEC03 Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. AM2520SEC03
Description  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520SEC03 Datasheet(HTML) 1 Page - Kingbright Corporation

  AM2520SEC03 Datasheet HTML 1Page - Kingbright Corporation AM2520SEC03 Datasheet HTML 2Page - Kingbright Corporation AM2520SEC03 Datasheet HTML 3Page - Kingbright Corporation AM2520SEC03 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1257
REV NO: V.3
DATE: APR/05/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1202000607
Package Dimensions
AM2520SEC03
SUPER BRIGHT ORANGE
SUBMINIATURE SOLID STATE LAMP
Features
SUBMINIA TURE PACKAGE.
WIDE VIEWING ANGLE.
GULL WING LEAD.
LONG LIFE - SOLID STATE RELIABILITY.
LOW PACKAGE PROFILE.
PACKAGE : 1000PCS / REEL.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads emerge from the package.
4. Specifications are subject to change without notice.
Description
The Super Bright Orange device is made with DH
InGaAlP (on GaAs substrate) light emitting diode chip.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VN920 SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY 1  2  3  4  5  More STMicroelectronics
LH1510AAB 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
L53SYC T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
LH1540AAB 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
LH1532FP Dual 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
VN5770AK-E Quad smart power solid state relay for complete H bridge configurations 1  2  3  4  5  More STMicroelectronics
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
TLP3507 TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn