Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM2520SEC03 Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. AM2520SEC03
Description  SUBMINIATURE SOLID STATE LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM2520SEC03 Datasheet(HTML) 3 Page - Kingbright Corporation

  AM2520SEC03 Datasheet HTML 1Page - Kingbright Corporation AM2520SEC03 Datasheet HTML 2Page - Kingbright Corporation AM2520SEC03 Datasheet HTML 3Page - Kingbright Corporation AM2520SEC03 Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD1257
REV NO: V.3
DATE: APR/05/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: Y.W.WANG
ERP:1202000607
Super Bright Orange
AM2520SEC03


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
VN920 SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY 1  2  3  4  5  More STMicroelectronics
LH1510AAB 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
L53SYC T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
LH1540AAB 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
LH1532FP Dual 1 Form A Solid State Relay 1  2  3  4  5  More Vishay Siliconix
VN5770AK-E Quad smart power solid state relay for complete H bridge configurations 1  2  3  4  5  More STMicroelectronics
L53HD T-1 3/4 5mm SOLID STATE LAMPS 1  2  3  4  5  More Kingbright Corporation
L934SE T-1 3mm SOLID STATE LAMPS 1  2  3  Kingbright Corporation
TLP3507 TRIAC DRIVER PROGRAMMABLE CONTROLLERS AC-OUTPUT MODULE SOLID STATE RELAY 1  2  3  4  5  More Toshiba Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn