Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM50-0002 Datasheet(PDF) 5 Page - Tyco Electronics

Part No. AM50-0002
Description  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

AM50-0002 Datasheet(HTML) 5 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
5
FREQ
Fmin[dB]
MAG
ANG
rn
0.750
0.8052
0.8697
26.5001
0.7376
0.800
0.7869
0.8620
27.9959
0.6796
0.850
0.7699
0.8544
29.5150
0.6303
0.900
0.7572
0.8467
31.0675
0.5897
0.950
0.7467
0.8390
32.6540
0.5551
1.000
0.7397
0.8312
34.2760
0.5259
1.050
0.7351
0.8234
35.9319
0.5007
1.100
0.7333
0.8154
37.6196
0.4788
1.150
0.7333
0.8072
39.3353
0.4593
1.200
0.7348
0.7990
41.0771
0.4418
1.250
0.7383
0.7906
42.8431
0.4260
1.300
0.7432
0.7821
44.6308
0.4114
1.350
0.7491
0.7735
46.4387
0.3977
1.400
0.7563
0.7647
48.2651
0.3850
1.450
0.7645
0.7559
50.1090
0.3730
1.500
0.7734
0.7469
51.9696
0.3615
1.550
0.7834
0.7378
53.8492
0.3506
1.600
0.7943
0.7287
55.7432
0.3402
1.650
0.8057
0.7195
57.6514
0.3301
1.700
0.8180
0.7102
59.5725
0.3204
1.750
0.8312
0.7007
61.5065
0.3111
1.800
0.8450
0.6912
63.4539
0.3020
1.850
0.8596
0.6817
65.4128
0.2933
1.900
0.8748
0.6721
67.3846
0.2849
1.950
0.8910
0.6625
69.3678
0.2768
2.000
0.9079
0.6529
71.3635
0.2689
2.050
0.9254
0.6432
73.3575
0.2614
2.100
0.9437
0.6335
75.3681
0.2541
2.150
0.9631
0.6239
77.3914
0.2471
2.200
0.9833
0.6143
79.4309
0.2403
2.250
1.0050
0.6050
81.4808
0.2340
2.300
1.0277
0.5957
83.5485
0.2278
2.350
1.0516
0.5866
85.6304
0.2219
2.400
1.0768
0.5777
87.7262
0.2163
2.450
1.1035
0.5689
89.8387
0.2109
2.500
1.1317
0.5604
91.9643
0.2058
Noise Figures


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn