Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM50-0002 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. AM50-0002
Description  Low Noise Amplifier 1.575 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

AM50-0002 Datasheet(HTML) 4 Page - Tyco Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Low Noise Amplifier, 1.575 GHz
AM50-0002
V5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
4
Application Schematic
Frequency = 1.575 GHz
Impedance
Electrical Length
T1
57.2
36.0
°
T2
82.7
16.2°
1. Pins 1, 3, 4, 5, 7, and 8 must be RF and DC grounded as
shown.
2. Pin 2 is the RF input and must be connected to the
simple matching network shown.
3. Pin 6 is the RF output, VDD is also applied on Pin 6.
FREQ
S11 (MAG) S11 (ANG) S21 (MAG) S21 (ANG)
S12 (MAG)
S12 (ANG) S22 (MAG) S22 (ANG)
(GHz)
0.75
0.921
-30.81
2.509
25.55
0.00148
8.86
0.166
-177.94
0.80
0.913
-32.28
2.819
22.22
0.00130
8.34
0.160
178.21
0.85
0.910
-33.76
3.187
18.24
0.00129
2.77
0.154
174.64
0.90
0.907
-35.75
3.593
13.38
0.00121
21.43
0.148
172.18
0.95
0.909
-37.74
4.061
8.14
0.00102
4.10
0.140
169.61
1.00
0.901
-39.48
4.562
2.42
0.00107
7.73
0.134
167.83
1.05
0.892
-41.10
5.138
-3.96
0.00106
6.05
0.125
166.68
1.10
0.898
-43.16
5.787
-10.74
0.00083
1.77
0.116
166.54
1.15
0.902
-45.17
6.477
-18.10
0.00066
-6.72
0.108
169.20
1.20
0.899
-47.10
7.253
-26.07
0.00065
-31.71
0.099
172.34
1.25
0.896
-49.30
8.079
-34.70
0.00055
-24.54
0.095
179.35
1.30
0.894
-51.27
8.956
-43.79
0.00041
-29.08
0.094
-170.96
1.35
0.894
-54.18
9.894
-53.69
0.00028
-63.69
0.102
-161.31
1.40
0.892
-56.58
10.808
-64.44
0.00053
-134.67
0.119
-153.00
1.45
0.885
-59.28
11.727
-75.73
0.00070
-137.52
0.145
-149.06
1.50
0.873
-62.30
12.525
-87.83
0.00115
-157.96
0.178
-148.14
1.55
0.857
-65.21
13.091
-100.40
0.00154
-162.50
0.214
-150.19
1.60
0.832
-67.38
13.498
-113.16
0.00208
-173.25
0.252
-154.73
1.65
0.810
-69.51
13.577
-126.00
0.00253
-178.80
0.289
-160.02
1.70
0.782
-71.55
13.373
-138.81
0.00294
173.91
0.322
-166.25
1.75
0.760
-73.07
12.964
-150.86
0.00347
167.10
0.351
-172.30
1.80
0.739
-74.16
12.390
-162.47
0.00382
162.87
0.375
-178.46
1.85
0.724
-75.18
11.688
-173.46
0.00423
155.47
0.394
175.75
1.90
0.712
-75.70
10.981
176.38
0.00474
150.99
0.409
170.19
1.95
0.699
-77.01
10.218
166.80
0.00498
148.83
0.423
165.01
2.00
0.699
-77.56
9.495
157.89
0.00544
146.02
0.432
160.40
2.05
0.692
-78.24
8.807
149.48
0.00565
142.63
0.440
155.71
2.10
0.690
-79.57
8.163
141.76
0.00600
139.72
0.448
151.79
2.15
0.688
-80.62
7.551
134.45
0.00640
136.31
0.454
147.76
2.20
0.690
-81.76
6.996
127.26
0.00673
135.38
0.459
144.08
2.25
0.689
-83.14
6.477
120.81
0.00681
132.88
0.464
140.70
2.30
0.691
-84.63
6.005
114.57
0.00740
131.06
0.467
137.31
2.35
0.691
-86.09
5.576
108.60
0.00754
129.17
0.472
134.28
2.40
0.693
-87.58
5.181
102.95
0.00793
126.95
0.475
131.15
2.45
0.693
-89.37
4.811
97.37
0.00831
126.73
0.478
128.24
2.50
0.697
-90.85
4.483
92.22
0.00854
125.02
0.481
125.56
S-Parameters


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn