Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA84C222 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA84C222
Description  8-bit microcontrollers for remote control transmitters
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C222 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA84C222 Datasheet HTML 1Page - NXP Semiconductors PCA84C222 Datasheet HTML 2Page - NXP Semiconductors PCA84C222 Datasheet HTML 3Page - NXP Semiconductors PCA84C222 Datasheet HTML 4Page - NXP Semiconductors PCA84C222 Datasheet HTML 5Page - NXP Semiconductors PCA84C222 Datasheet HTML 6Page - NXP Semiconductors PCA84C222 Datasheet HTML 7Page - NXP Semiconductors PCA84C222 Datasheet HTML 8Page - NXP Semiconductors PCA84C222 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1995 May 01
3
Philips Semiconductors
Product specification
8-bit microcontrollers for
remote control transmitters
PCA84C122; 222; 422; 622; 822
1
FEATURES
• 84CXXX CPU
• ROM, RAM and I/O configurations are device
dependent; see Chapter 3
• Two test inputs: T0 (ANDed with Port 1 input lines)
and T1
• 3 single-level vectored interrupt sources:
– external (T0/INT and Port 1, for keypad press
wake-up function)
– timer/counter (TI)
– hardware modulator interrupt
• 8-bit programmable timer/counter with 5-bit pre-scaler
• Power saving: Idle and Stop modes are provided
• Hardware Modulator providing pulse bursts, with:
programmable duty factor for each pulse
programmable number of pulses
• One output line from the Hardware Modulator to control
the driver transistor for the infrared LED (IR-LED).
Capable of sinking 27 mA at VDD = 2.0 V, VOUT = 1.0 V
• Watchdog Timer to keep the transmitter from being
locked or malfunction
• Available packages: SO and DIP types (SO20, SO24,
SO28, SDIP24 and DIP20); see Chapter 4
• On-chip oscillator: 455 kHz to 6 MHz
• Single supply voltage: 2.0 V to 5.5 V
• Operating temperature: −20 to +50 °C.
2
GENERAL DESCRIPTION
The PCA84C122 is a stand-alone microcontroller
designed for use in remote control transmitters for a wide
range of applications.
The PCA84C122 provides a number of dedicated
hardware functions for remote controller applications.
These functions include the following additional blocks to
the 84CXXX core:
• Interrupt Gate
• Hardware Modulator
• Output Driver
• Watchdog Timer.
Although the PCA84C122 is specifically referred to
throughout this data sheet, the information applies to all
the devices. The differences between the PCA84C122
and the other devices are specified in Chapter 3.
Figure 2 shows the general block diagram of the device.
The 84CXXX core plus 8 kbytes ROM and 64 bytes RAM
has the same function as described in the PCF84CXXX
family description (see
“Data Handbook IC14”).
When the transmitter is not in use the microcontroller is in
Stop mode and the oscillator is halted. The AND gate
connected to the Port 1 (P10 to P17) lines provides the
wake-up to end the Stop mode.
The Hardware Modulator produces pulse bursts according
to the required protocol. The ON-time and OFF-time of
each pulse (i.e. duty factor) and the number of pulses are
controlled by software.
The Watchdog Timer (WDT) will reset the PCA84C122
when it has not been reloaded (reset) in time, because the
program has run out of sequence (endless loop,
continuous Idle mode, etc.). During Stop mode the
oscillator is halted, therefore the Watchdog Timer is not
running.
Automatic system reset is generated by the WDT if the
timer is not reset before overflow from counting within
a certain period of time.
The Output Driver can handle sufficient current to drive a
single transistor, that provides the required current for the
IR-LED.
2.1
Important note
This data sheet details the specific properties of the
PCA84C122; PCA84C222; PCA84C422; PCA84C622
and PCA84C822. The shared characteristics of the family
of microcontrollers are described in the PCF84CXXXA
Family single-chip 8-bit Microcontroller of
“Data Handbook
IC14”, which should be read in conjunction with this data
sheet.


Similar Part No. - PCA84C222

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C440 PHILIPS-PCA84C440 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C441 PHILIPS-PCA84C441 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C443 PHILIPS-PCA84C443 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C444 PHILIPS-PCA84C444 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
PCA84C640 PHILIPS-PCA84C640 Datasheet
236Kb / 40P
   8-bit microcontrollers with OSD and VST
1996 Nov 29
More results

Similar Description - PCA84C222

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
YKP1568VG5 INTEGRAL-YKP1568VG5 Datasheet
145Kb / 2P
   8 - BIT MICROCONTROLLER FOR REMOTE CONTROL TRANSMITTERS
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
logo
Princeton Technology Co...
PT2461 PTC-PT2461 Datasheet
427Kb / 5P
   Infrared Remote Control Transmitters
logo
Mitsubishi Electric Sem...
M58480P MITSUBISHI-M58480P Datasheet
241Kb / 4P
   30-FUNCTION REMOTE-CONTROL TRANSMITTERS
M34280M1 MITSUBISHI-M34280M1 Datasheet
508Kb / 47P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
M5848OP MITSUBISHI-M5848OP Datasheet
247Kb / 4P
   30-Function Remote-control Transmitters
logo
Renesas Technology Corp
4280 RENESAS-4280 Datasheet
627Kb / 48P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS
logo
STMicroelectronics
AN4099 STMICROELECTRONICS-AN4099 Datasheet
526Kb / 39P
   Implementing transmitters and receivers for infrared remote control protocols using STM32F0xx and STM32F3xx microcontrollers
logo
Renesas Technology Corp
PD64A RENESAS-PD64A_15 Datasheet
417Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR INFRARED REMOTE CONTROL TRANSMISSION
logo
Murata Manufacturing Co...
RO3118E MURATA-RO3118E Datasheet
226Kb / 2P
   Ideal for 318 MHz Remote Control and Security Transmitters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com