Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ALS163BFK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS163BFK
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ALS163BFK Datasheet(HTML) 1 Page - Texas Instruments

  SNJ54ALS163BFK Datasheet HTML 1Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 2Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 3Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 4Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 5Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 6Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 7Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 8Page - Texas Instruments SNJ54ALS163BFK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS276A – DECEMBER 1994 – REVISED JULY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Internal Look-Ahead Circuitry for Fast
Counting
D Carry Output for n-Bit Cascading
D Synchronous Counting
D Synchronously Programmable
D Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages, Ceramic Chip Carriers (FK),
Standard Plastic (N) and Ceramic (J) DIPs
description
These synchronous, presettable, 4-bit decade
and binary counters feature an internal carry
look-ahead circuitry for application in high-speed
counting designs. The SN54ALS162B is a 4-bit
decade counter. The ’ALS161B, ’ALS163B,
’AS161, and ’AS163 devices are 4-bit binary
counters. Synchronous operation is provided by
having all flip-flops clocked simultaneously so that
the outputs change coincidentally with each other
when instructed by the count-enable (ENP, ENT)
inputs and internal gating. This mode of operation
eliminates the output counting spikes normally
associated
with
asynchronous
(ripple-clock)
counters. A buffered clock (CLK) input triggers the
four flip-flops on the rising (positive-going) edge of
the clock input waveform.
These counters are fully programmable; they can
be preset to any number between 0 and 9 or 15.
Because presetting is synchronous, setting up a
low level at the load (LOAD) input disables the
counter and causes the outputs to agree with the
setup data after the next clock pulse, regardless
of the levels of the enable inputs.
The clear function for the ’ALS161B and ’AS161 devices is asynchronous. A low level at the clear (CLR) input
sets all four of the flip-flop outputs low, regardless of the levels of the CLK, LOAD, or enable inputs. The clear
function for the SN54ALS162B, ’ALS163B, and ’AS163 devices is synchronous, and a low level at CLR sets
all four of the flip-flop outputs low after the next clock pulse, regardless of the levels of the enable inputs. This
synchronous clear allows the count length to be modified easily by decoding the Q outputs for the maximum
count desired. The active-low output of the gate used for decoding is connected to CLR to synchronously clear
the counter to 0000 ( LLLL ).
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. ENP and ENT inputs and a ripple-carry (RCO) output are instrumental in accomplishing this
function. Both ENP and ENT must be high to count, and ENT is fed forward to enable RCO. RCO, thus enabled,
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.
SN54ALS161B, SN54ALS162B, SN54ALS163B,
SN54AS161, SN54AS163 ...J PACKAGE
SN74ALS161B, SN74AS161,
SN74AS163 ...D OR N PACKAGE
SN74ALS163B . . . D, DB, OR N PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
QA
QB
NC
QC
QD
A
B
NC
C
D
SN54ALS161B, SN54ALS162B, SN54ALS163B,
SN54AS161, SN54AS163 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
CLK
A
B
C
D
ENP
GND
VCC
RCO
QA
QB
QC
QD
ENT
LOAD


Similar Part No. - SNJ54ALS163BFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS165J TI-SNJ54ALS165J Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS165J TI-SNJ54ALS165J Datasheet
559Kb / 14P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS165W TI-SNJ54ALS165W Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS165W TI-SNJ54ALS165W Datasheet
559Kb / 14P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS169BFK TI-SNJ54ALS169BFK Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Similar Description - SNJ54ALS163BFK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com