Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNJ54ALS161BW Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SNJ54ALS161BW
Description  SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SNJ54ALS161BW Datasheet(HTML) 8 Page - Texas Instruments

Back Button SNJ54ALS161BW Datasheet HTML 4Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 5Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 6Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 7Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 8Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 9Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 10Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 11Page - Texas Instruments SNJ54ALS161BW Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SN54ALS161B, SN54ALS162B, SN54ALS163B, SN54AS161, SN54AS163
SN74ALS161B, SN74ALS163B, SN74AS161, SN74AS163
SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SDAS276A – DECEMBER 1994 – REVISED JULY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating conditions (unless otherwise noted) (see
Figure 1)
SN54ALS161B
SN54ALS162B
SN54ALS163B
SN74ALS161B
SN74ALS163B
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
22
40
MHz
t
Pulse duration
CLR high or low
20
12.5
ns
tw
Pulse duration
’ALS161B
CLR low
20
15
ns
A, B, C, D
50
15
LOAD
20
15
’ALS161B
ENP ENT
25
15
tsu
Setup time, before CLK
SN54ALS162B, ’ALS163B
ENP, ENT
20
15
ns
’ALS161B
CLR inactive
10
10
SN54ALS162B ’ALS163B
CLR low
20
15
SN54ALS162B, ’ALS163B
CLR high
20
10
th
Hold time, all synchronous inputs after CLK
0
0
ns
switching characteristics over recommended operating conditions (unless otherwise noted) (see
Figure 1)
PARAMETER
FROM
TO
SN54ALS161B
SN74ALS161B
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
22
40
MHz
tPLH
CLK
RCO
5
34
5
20
ns
tPHL
CLK
RCO
5
27
5
20
ns
tPLH
CLK
Any Q
4
19
4
15
ns
tPHL
CLK
Any Q
6
25
6
20
ns
tPLH
ENT
RCO
3
18
3
13
ns
tPHL
ENT
RCO
3
17
3
13
ns
tPHL
CLR
Any Q
8
27
8
24
ns
tPHL
CLR
RCO
11
32
11
23
ns
switching characteristics over recommended operating conditions (unless otherwise noted) (see
Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
SN54ALS162B
SN54ALS163B
SN74ALS163B
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
fmax
22
40
MHz
tPLH
CLK
RCO
5
25
5
20
ns
tPHL
CLK
RCO
5
25
5
20
ns
tPLH
CLK
Any Q
4
18
4
15
ns
tPHL
CLK
Any Q
6
25
6
20
ns
tPLH
ENT
RCO
3
16
3
13
ns
tPHL
ENT
RCO
3
16
3
13
ns


Similar Part No. - SNJ54ALS161BW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ54ALS165J TI-SNJ54ALS165J Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS165J TI-SNJ54ALS165J Datasheet
559Kb / 14P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS165W TI-SNJ54ALS165W Datasheet
419Kb / 1P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS165W TI-SNJ54ALS165W Datasheet
559Kb / 14P
[Old version datasheet]   PARALLEL-LOAD 8-BIT REGISTERS
SNJ54ALS169BFK TI-SNJ54ALS169BFK Datasheet
686Kb / 19P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTERS
More results

Similar Description - SNJ54ALS161BW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS161B TI-SN54ALS161B_08 Datasheet
922Kb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI1-SN54HC160_12 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI-SN54ALS161B Datasheet
220Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC160 TI-SN54HC160 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS161B TI1-SN54ALS161B_15 Datasheet
927Kb / 26P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54ALS160B TI-SN54ALS160B Datasheet
160Kb / 11P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54290 TI1-SN54290_09 Datasheet
527Kb / 10P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54ALS190 TI-SN54ALS190 Datasheet
140Kb / 8P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE AND BINARY COUNTERS
SN54290 TI-SN54290 Datasheet
297Kb / 8P
[Old version datasheet]   DECADE AND 4-BIT BINARY COUNTERS
SN54390 TI-SN54390 Datasheet
893Kb / 21P
[Old version datasheet]   DUAL 4-BIT DECADE AND BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com