Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SN74AUP1G74 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AUP1G74
Description  LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN74AUP1G74 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
www.ti.com
Timing Requirements
SN74AUP1G74
LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCES644A – MARCH 2006 – REVISED SEPTEMBER 2006
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to
TA = 25°C
85
°C
PARAMETER
VCC
UNIT
TYP
MIN
MAX
0.8 V
21
1.2 V
± 0.1 V
40
1.5 V
± 0.1 V
50
fclock
Clock frequency
MHz
1.8 V
± 0.15 V
60
2.5 V
± 0.2 V
90
3.3 V
± 0.3 V
90
0.8 V
3.5
1.2 V
± 0.1 V
2
1.5 V
± 0.1 V
2
CLK high or low
1.8 V
± 0.15 V
2
2.5 V
± 0.2 V
2
3.3 V
± 0.3 V
2
tw
Pulse duration
ns
0.8 V
4.5
1.2 V
± 0.1 V
2
1.5 V
± 0.1 V
2
PRE or CLR low
1.8 V
± 0.15 V
2
2.5 V
± 0.2 V
2
3.3 V
± 0.3 V
2
0.8 V
3
1.2 V
± 0.1 V
1.3
1.5 V
± 0.1 V
1
Data high
1.8 V
± 0.15 V
1
2.5 V
± 0.2 V
0.5
3.3 V
± 0.3 V
0.5
0.8 V
1
1.2 V
± 0.1 V
1.2
1.5 V
± 0.1 V
1
tsu
Setup time before CLK
Data low
ns
1.8 V
± 0.15 V
1
2.5 V
± 0.2 V
1
3.3 V
± 0.3 V
1
0.8 V
1
1.2 V
± 0.1 V
0.5
1.5 V
± 0.1 V
0.5
PRE or CLR inactive
1.8 V
± 0.15 V
0.5
2.5 V
± 0.2 V
0.5
3.3 V
± 0.3 V
0.5
0.8 V
0
1.2 V
± 0.1 V
0
1.5 V
± 0.1 V
0
th
Hold time, data after CLK
ns
1.8 V
± 0.15 V
0
2.5 V
± 0.2 V
0
3.3 V
± 0.3 V
0
6
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn