Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9557701NXD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-9557701NXD
Description  36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9557701NXD Datasheet(HTML) 2 Page - Texas Instruments

  5962-9557701NXD Datasheet HTML 1Page - Texas Instruments 5962-9557701NXD Datasheet HTML 2Page - Texas Instruments 5962-9557701NXD Datasheet HTML 3Page - Texas Instruments 5962-9557701NXD Datasheet HTML 4Page - Texas Instruments 5962-9557701NXD Datasheet HTML 5Page - Texas Instruments 5962-9557701NXD Datasheet HTML 6Page - Texas Instruments 5962-9557701NXD Datasheet HTML 7Page - Texas Instruments 5962-9557701NXD Datasheet HTML 8Page - Texas Instruments 5962-9557701NXD Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SN54ABTH32245, SN74ABTH32245
36-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS228G – JUNE 1992 – REVISED MAY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
GND
1B7
1B8
2B1
2B2
2B3
2B4
2B5
GND
2B6
2B7
2B8
2B9
3B1
3B4
GND
3B5
3B6
3B7
3B8
1A6
1A8
1A9
2A1
2A2
2A3
2A4
2A5
2A6
2A7
2A9
3A1
3A2
3A3
3A4
GND
3A5
3A7
3A8
1A7
1B9
3B3
GND
3A6
3A9
4A1
4A2
4A3
GND
3B9
4B1
4B2
4B3
SN54ABTH32245 . . . HS PACKAGE†
(TOP VIEW)
2A8
VCC
3B2
VCC
GND
GND
4B4
† For HS package availability, please contact the factory or your local TI Field Sales Office.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
description
The ’ABTH32245 are 36-bit (quad 9-bit) noninverting 3-state transceivers designed for synchronous two-way
communication between data buses. The control-function implementation minimizes external timing
requirements.
These devices can be used as four 9-bit transceivers, two18-bit transceivers, or one 36-bit transceiver. They
allow data transmission from the A bus to the B bus or from the B bus to the A bus, depending on the logic level
at the direction-control (DIR) inputs. The output-enable (OE) inputs can be used to disable the device so that
the buses are effectively isolated.
When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down.
However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor;
the minimum value of the resistor is determined by the current-sinking capability of the driver.
Active bus-hold circuitry holds unused or floating data inputs at a valid logic level.


Similar Part No. - 5962-9557701NXD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9557701NXD TI-5962-9557701NXD Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - 5962-9557701NXD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32501 TI1-SN54ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com