Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ABTH32245 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABTH32245
Description  36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH32245 Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABTH32245 Datasheet HTML 1Page - Texas Instruments SN74ABTH32245 Datasheet HTML 2Page - Texas Instruments SN74ABTH32245 Datasheet HTML 3Page - Texas Instruments SN74ABTH32245 Datasheet HTML 4Page - Texas Instruments SN74ABTH32245 Datasheet HTML 5Page - Texas Instruments SN74ABTH32245 Datasheet HTML 6Page - Texas Instruments SN74ABTH32245 Datasheet HTML 7Page - Texas Instruments SN74ABTH32245 Datasheet HTML 8Page - Texas Instruments SN74ABTH32245 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN54ABTH32245, SN74ABTH32245
36-BIT BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS228G – JUNE 1992 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (except I/O ports) (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: SN54ABTH32245
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ABTH32245
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): PZ package
50
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51.
recommended operating conditions (see Note 3)
SN54ABTH32245
SN74ABTH32245
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
IOH
High-level output current
–24
–32
mA
IOL
Low-level output current
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆VCC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: Unused control pins must be held high or low to prevent them from floating.


Similar Part No. - SN74ABTH32245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABTH32245 TI-SN74ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32245HS TI-SN74ABTH32245HS Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32245PZ TI-SN74ABTH32245PZ Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32245PZG4 TI-SN74ABTH32245PZG4 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABTH32245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32501 TI1-SN54ABT32501 Datasheet
149Kb / 8P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com