Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF505-S Datasheet(PDF) 3 Page - LEM

Part # LF505-S
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LF505-S Datasheet(HTML) 3 Page - LEM

  LF505-S_06 Datasheet HTML 1Page - LEM LF505-S_06 Datasheet HTML 2Page - LEM LF505-S_06 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
060922/9
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
page 3/3
Mechanical characteristics
General tolerance
± 0.5 mm
Transducer fastening
Vertical or flat lying position
4 or 6 holes
∅ 4.3 mm
4 or 6 steel screws M4
Recommended fastening torque
3.2 Nm or 2.37 Lb.-Ft.
or vertical position
4 holes
∅ 1.9 mm,
depth : 7.5 mm
4 screws PTKA 25,
length: 6 mm
Recommended fastening torque
0.7 Nm or 0.52 Lb.-Ft.
or flat lying position
4 holes
∅ 1.9 mm, crossing
4 screws PTKA 25,
length:10 mm
Recommended fastening torque
0.75 Nm or 0.55 Lb.-Ft.
Primary through-hole
∅ 30.2 mm
Connection of secondary
MOLEX 5045-03/A
Dimensions LF 505-S (in mm. 1 mm = 0.0394 inch)
Top view
Right view
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
100°C.
Dynamic performances (di/dt and response time) are best
with a single bar completely filling the primary hole.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...), please
contact us.
Bottom view
Back view
Connection


Similar Part No. - LF505-S_06

ManufacturerPart #DatasheetDescription
logo
LEM
LF505-S LEM-LF505-S Datasheet
117Kb / 2P
   Current Transducer LF 505-S
More results

Similar Description - LF505-S_06

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com