Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AM23ID-F Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. AM23ID-F
Description  SOT-23 SURFACE MOUNT LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AM23ID-F Datasheet(HTML) 1 Page - Kingbright Corporation

  AM23ID-F Datasheet HTML 1Page - Kingbright Corporation AM23ID-F Datasheet HTML 2Page - Kingbright Corporation AM23ID-F Datasheet HTML 3Page - Kingbright Corporation AM23ID-F Datasheet HTML 4Page - Kingbright Corporation AM23ID-F Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD1245
REV NO: V.8
DATE: MAY/12/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Y.L.LI
ERP: 1202000019
SOT-23 SURFACE MOUNT LED LAMP
Part Number: AM23ID-F
High Efficiency Red
Features
SOT-23 PACKAGE SURFACE MOUNT LED LAMP.
LOW POWER CONSUMPTION.
LONG LIFE - SOLID STATE RELIABILITY.
PACKAGE: 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Description
The High Efficiency Red source color devices are made
with Gallium Arsenide Phosphide on Gallium Phosphide
Orange Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge from the package.
4. Specifications are subject to change without notice.
5.The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AM23ID-F

ManufacturerPart No.DatasheetDescription
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
AM23ID-F TO-GRACE-AM23ID-F Datasheet
812Kb / 4P
   SOT-23 Surface Mount LED Lamp
More results

Similar Description - AM23ID-F

ManufacturerPart No.DatasheetDescription
Kingbright Corporation
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
SunLED Corporation
SunLED Corporation
ZMDKVG48W SUNLED-ZMDKVG48W Datasheet
215Kb / 5P
   SOT-23 SURFACE MOUNT LED LAMP
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
Kingbright Corporation
Kingbright Corporation
AM23CGCK-F KINGBRIGHT-AM23CGCK-F Datasheet
286Kb / 4P
   SOT-23 Surface Mount LED Lamp
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
   SOT-23 Surface Mount LED Lamp
SunLED Corporation
SunLED Corporation
ZVG48WA SUNLED-ZVG48WA Datasheet
189Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
Gilway Technical Lamp
Gilway Technical Lamp
GHB-SOT23D-Y GILWAY-GHB-SOT23D-Y Datasheet
142Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
GHB-SOT23-Y GILWAY-GHB-SOT23-Y Datasheet
141Kb / 4P
   SOT-23 SURFACE MOUNT LED LAMP
HK TO-GRACE TECHNOLOGY CO.,LTD.
HK TO-GRACE TECHNOLOGY ...
AM23CGCK-F TO-GRACE-AM23CGCK-F Datasheet
828Kb / 4P
   SOT-23 Surface Mount LED Lamp
AM23SGD3-F TO-GRACE-AM23SGD3-F Datasheet
816Kb / 4P
   SOT-23 Surface Mount LED Lamp
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz