Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21065LKCA-240 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-21065LKCA-240
Description  DSP Microcomputer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065LKCA-240 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-21065LKCA-240 Datasheet HTML 4Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 5Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 6Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 7Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 8Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 9Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 10Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 11Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
REV. C
ADSP-21065L
–8–
Pin
Type
Function
HBR
I/A
Host Bus Request. Must be asserted by a host processor to request control of the ADSP-
21065L’s external bus. When
HBR is asserted in a multiprocessing system, the ADSP-21065L
that is bus master will relinquish the bus and assert
HBG. To relinquish the bus, the ADSP-
21065L places the address, data, select, and strobe lines in a high impedance state. It does,
however, continue to drive the SDRAM control pins.
HBR has priority over all ADSP-21065L
bus requests (
BR
2-1) in a multiprocessor system.
HBG
I/O
Host Bus Grant. Acknowledges an
HBR bus request, indicating that the host processor may
take control of the external bus.
HBG is asserted by the ADSP-21065L until HBR is released.
In a multiprocessor system,
HBG is output by the ADSP-21065L bus master.
CS
I/A
Chip Select. Asserted by host processor to select the ADSP-21065L.
REDY (O/D)
O
Host Bus Acknowledge. The ADSP-21065L deasserts REDY to add wait states to an asyn-
chronous access of its internal memory or IOP registers by a host. Open drain output (O/D) by
default; can be programmed in ADREDY bit of SYSCON register to be active drive (A/D).
REDY will only be output if the
CS and HBR inputs are asserted.
DMAR
1
I/A
DMA Request 1 (DMA Channel 9).
DMAR
2
I/A
DMA Request 2 (DMA Channel 8).
DMAG
1
O/T
DMA Grant 1 (DMA Channel 9).
DMAG
2
O/T
DMA Grant 2 (DMA Channel 8).
BR
2-1
I/O/S
Multiprocessing Bus Requests. Used by multiprocessing ADSP-21065Ls to arbitrate for bus
mastership. An ADSP-21065L drives its own
BRx line (corresponding to the value of its ID
2-0
inputs) only and monitors all others. In a uniprocessor system, tie both
BRx pins to VDD.
ID1-0
I
Multiprocessing ID. Determines which multiprocessor bus request (
BR
1–BR2) is used by
ADSP-21065L. ID = 01 corresponds to
BR
1, ID = 10 corresponds to BR2. ID = 00 in single-
processor systems. These lines are a system configuration selection which should be hard-wired
or changed only at reset.
CPA (O/D)
I/O
Core Priority Access. Asserting its
CPA pin allows the core processor of an ADSP-21065L
bus slave to interrupt background DMA transfers and gain access to the external bus.
CPA is an
open drain output that is connected to both ADSP-21065Ls in the system. The
CPA pin has an
internal 5 k
W pull-up resistor. If core access priority is not required in a system, leave the CPA
pin unconnected.
DTxX
O
Data Transmit (Serial Ports 0, 1; Channels A, B). Each DTxX pin has a 50 k
W internal pull-
up resistor.
DRxX
I
Data Receive (Serial Ports 0, 1; Channels A, B). Each DRxX pin has a 50 k
W internal pull-up
resistor.
TCLKx
I/O
Transmit Clock (Serial Ports 0, 1). Each TCLK pin has a 50 k
W internal pull-up resistor.
RCLKx
I/O
Receive Clock (Serial Ports 0, 1). Each RCLK pin has a 50 k
W internal pull-up resistor.
TFSx
I/O
Transmit Frame Sync (Serial Ports 0, 1).
RFSx
I/O
Receive Frame Sync (Serial Ports 0, 1).
BSEL
I
EPROM Boot Select. When BSEL is high, the ADSP-21065L is configured for booting from
an 8-bit EPROM. When BSEL is low, the BSEL and
BMS inputs determine booting mode. See
BMS for details. This signal is a system configuration selection which should be hardwired.


Similar Part No. - ADSP-21065LKCA-240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21065LKCA-240 AD-ADSP-21065LKCA-240 Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-240 AD-ADSP-21065LKCA-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-240 AD-ADSP-21065LKCA-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-21065LKCA-240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com