Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21065LKCA-240 Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-21065LKCA-240
Description  DSP Microcomputer
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21065LKCA-240 Datasheet(HTML) 5 Page - Analog Devices

  ADSP-21065LKCA-240 Datasheet HTML 1Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 2Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 3Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 4Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 5Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 6Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 7Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 8Page - Analog Devices ADSP-21065LKCA-240 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
REV. C
ADSP-21065L
–5–
I/O transfers). Programs can be downloaded to the ADSP-21065L
using DMA transfers. Asynchronous off-chip peripherals can
control two DMA channels using DMA Request/Grant lines
(
DMAR
1-2, DMAG1-2). Other DMA features include interrupt
generation on completion of DMA transfers and DMA chaining
for automatically linked DMA transfers.
Serial Ports
The ADSP-21065L features two synchronous serial ports that
provide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices. The serial ports can operate at
1x clock frequency, providing each with a maximum data rate of
33 Mbit/s. Each serial port has a primary and a secondary set of
transmit and receive channels. Independent transmit and receive
functions provide greater flexibility for serial communications.
Serial port data can be automatically transferred to and from
on-chip memory via DMA. Each of the serial ports supports
three operation modes: DSP serial port mode, I
2S mode (an
interface commonly used by audio codecs), and TDM (Time
Division Multiplex) multichannel mode.
The serial ports can operate with little-endian or big-endian
transmission formats, with selectable word lengths of 3 bits to
32 bits. They offer selectable synchronization and transmit
modes and optional
m-law or A-law companding. Serial port
clocks and frame syncs can be internally or externally generated.
The serial ports also include keyword and keymask features to
enhance interprocessor communication.
Programmable Timers and General-Purpose I/O Ports
The ADSP-21065L has two independent timer blocks, each of
which performs two functions—Pulsewidth Generation and
Pulse Count and Capture.
In Pulsewidth Generation mode, the ADSP-21065L can gener-
ate a modulated waveform with an arbitrary pulsewidth within
a maximum period of 71.5 secs.
In Pulse Counter mode, the ADSP-21065L can measure either
the high or low pulsewidth and the period of an input waveform.
The ADSP-21065L also contains twelve programmable, general
purpose I/O pins that can function as either input or output. As
output, these pins can signal peripheral devices; as input, these
pins can provide the test for conditional branching.
Program Booting
The internal memory of the ADSP-21065L can be booted at
system power-up from an 8-bit EPROM, a host processor, or
external memory. Selection of the boot source is controlled by
the
BMS (Boot Memory Select) and BSEL (EPROM Boot)
pins. Either 8-, 16-, or 32-bit host processors can be used for
booting. For details, see the descriptions of the
BMS and BSEL
pins in the Pin Descriptions section of this data sheet.
Multiprocessing
The ADSP-21065L offers powerful features tailored to multi-
processing DSP systems. The unified address space allows
direct interprocessor accesses of both ADSP-21065L’s IOP
registers. Distributed bus arbitration logic is included on-chip
for simple, glueless connection of systems containing a maximum
of two ADSP-21065Ls and a host processor. Master processor
changeover incurs only one cycle of overhead. Bus lock allows
indivisible read-modify-write sequences for semaphores. A
vector interrupt is provided for interprocessor commands.
Maximum throughput for interprocessor data transfer is
132 Mbytes/sec over the external port.
DEVELOPMENT TOOLS
The ADSP-21065L is supported with a complete set of software
and hardware development tools, including the EZ-ICE
® In-
Circuit Emulator and development software.
The same EZ-ICE hardware that you use for the ADSP-21060/
ADSP-21062 also fully emulates the ADSP-21065L.
Both the SHARC Development Tools family and the VisualDSP
®
integrated project management and debugging environment
support the ADSP-21065L. The VisualDSP project management
environment enables you to develop and debug an application
from within a single integrated program.
The SHARC Development Tools include an easy to use Assem-
bler that is based on an algebraic syntax; an Assembly library/
librarian; a linker; a loader; a cycle-accurate, instruction-level
simulator; a C compiler; and a C run-time library that includes
DSP and mathematical functions.
Debugging both C and Assembly programs with the Visual DSP
debugger, you can:
View Mixed C and Assembly Code
Insert Break Points
Set Watch Points
Trace Bus Activity
Profile Program Execution
Fill and Dump Memory
Create Custom Debugger Windows
The Visual IDE enables you to define and manage multiuser
projects. Its dialog boxes and property pages enable you to
configure and manage all of the SHARC Development Tools.
This capability enables you to:
Control how the development tools process inputs and gen-
erate outputs.
Maintain a one-to-one correspondence with the tool’s com-
mand line switches.
The EZ-ICE Emulator uses the IEEE 1149.1 JTAG test access
port of the ADSP-21065L processor to monitor and control the
target board processor during emulation. The EZ-ICE provides
full-speed emulation, allowing inspection and modification of
memory, registers, and processor stacks. Nonintrusive in-circuit
emulation is assured by the use of the processor’s JTAG inter-
face—the emulator does not affect target system loading or timing.
In addition to the software and hardware development tools
available from Analog Devices, third parties provide a wide
range of tools supporting the SHARC processor family. Hard-
ware tools include SHARC PC plug-in cards multiprocessor
SHARC VME boards, and daughter and modules with multiple
SHARCs and additional memory. These modules are based on
the SHARCPAC™ module specification. Third Party software
tools include an Ada compiler, DSP libraries, operating systems,
and block diagram design tools.
Additional Information
For detailed information on the ADSP-21065L instruction set
and architecture, see the ADSP-21065L SHARC User’s Manual,
Third Edition, and the ADSP-21065L SHARC Technical Reference.
EZ-ICE and VisualDSP are registered trademarks of Analog Devices, Inc.
SHARCPAC is a trademark of Analog Devices, Inc.


Similar Part No. - ADSP-21065LKCA-240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21065LKCA-240 AD-ADSP-21065LKCA-240 Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-240 AD-ADSP-21065LKCA-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKCA-240 AD-ADSP-21065LKCA-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
More results

Similar Description - ADSP-21065LKCA-240

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com