Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA200-P Datasheet(PDF) 2 Page - LEM

Part # LA200-P
Description  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA200-P Datasheet(HTML) 2 Page - LEM

  LA200-P_06 Datasheet HTML 1Page - LEM LA200-P_06 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEM
www .lem.com
Page 2/2
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
060303/12
Remarks
I
S is positive when IP flows in the direction of the arrow.
Temperature of the primary conductor should not exceed
90°C.
• Dynamic performances (di/dt and response time) are best
with a primary bar in low position in the through-hole.
In order to achieve the best magnetic coupling, the primary
windings have to be wound over the top edge of the device.
This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
Mechanical characteristics
General tolerance
± 0.2 mm
Primary through-hole
17 x 11 mm
Fastening & connection of primary 4 pins 0.63 x 0.56 mm
Recommended PCB hole
0.9 mm
Supplementary fastening
2 holes
∅ 1.75 mm
Recommended PCB hole
2.4 mm
Recommended screws
PT KA 22 x 6
Dimensions LA 200-P (in mm. 1 mm = 0.0394 inch)
Bottom view
Front view
Left view
Connection
Model + N°SP


Similar Part No. - LA200-P_06

ManufacturerPart #DatasheetDescription
logo
LEM
LA200-P LEM-LA200-P_09 Datasheet
530Kb / 3P
   Current Transducer
More results

Similar Description - LA200-P_06

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com