Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA15-PB Datasheet(PDF) 1 Page - LEM

Part # LA15-PB
Description  Current Transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LA15-PB Datasheet(HTML) 1 Page - LEM

  LA15-PB Datasheet HTML 1Page - LEM LA15-PB Datasheet HTML 2Page - LEM LA15-PB Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical data
Primarynominal
Primary current,
Primary Current
Primary Conductor
Type
r.m.s. current 1)
measuring range
Limitation3)
Diameter
I
PN
(A)
I
P
(A)
(A)
(mm)
3
± 4.5
3
0.5
LA 03-PB
5
± 7.5
3
0.5
LA 05-PB
10
± 15
5
0.65
LA 10-PB
15
± 22.5
7.5
0.8
LA 15-PB
20
± 30
10
1.0
LA 20-PB
V
C
Supply voltage (± 5 %)
± 15
V
I
C
Current consumption
app. 20mA + I
PN/1200mA
R
IS
Isolation resistance @ 500 VDC
> 500
M
V
OUT
Output voltage @ ± I
PN, RL = 10 kΩ, TA = 25°C
± 4
V
R
L
Load resistance
> 10
k
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (without offset)
<± 1.5
% of I
PN
ε
L
Linearity error (0 .. ± I
PN)
<± 1
% of I
PN
V
OE
Electrical offset voltage, T
A = 25°C
<± 30
mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
<± 15
mV
V
OT
Thermal drift of V
OE
(-10..+80°C)
<± 1
mV/K
(-20..-10°C)
<± 2
mV/K
TC
ε
G
Thermal drift of the gain (% of reading) (-10..+80°C) <± 0.04
%/K
(-20..-10°C) <± 0.08
%/K
t
r
Response time @ 90% of I
P
< 3
µs
f
Frequency bandwidth (- 1dB)2)
DC .. 150
kHz
General data
T
A
Ambient operating temperature
- 20 .. + 80
°C
T
S
Ambient storage temperature
- 30 .. + 85
°C
m
Mass
< 12
g
Notes : 1) Calibration for 4V output is carried out at the primary norminal r.m.s.
current.
2) Derating is needed to avoid excessive core heating at high frequency.
3) Primary current is limited by primary wire size. Permanent primary
current should not exceed the specified value.
Current Transducer LA 03..20-PB
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN =
3 .. 20 A
Features
Closed loop (compensation) current
transducer using the Hall effect
Voltage output
Printed circuit board mounting
Advantages
Excellent accuracy
Very good linearity
Low temperature drift
Optimized response time
Wide frequency bandwidth
No insertion losses
High immunity to external
interference
Current overload capacity
Applications
AC variable speed drives and servo
motor drives
Static converters for DC motor drives
Battery supplied applications
Uninterruptible Power Supplies
(UPS)
Switched Mode Power Supplies
(SMPS)
Power supplies for welding
applications
051102/6
LEM Industrial
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
Page 1/3


Similar Part No. - LA15-PB

ManufacturerPart #DatasheetDescription
logo
LEM
LA15-PB LEM-LA15-PB Datasheet
24Kb / 2P
   Current Transducer LA 03~20-PB
More results

Similar Description - LA15-PB

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com