Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX05-P Datasheet(PDF) 1 Page - LEM

Part # HX05-P
Description  Current Transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HX05-P Datasheet(HTML) 1 Page - LEM

  HX05-P Datasheet HTML 1Page - LEM HX05-P Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical data
Primary nominal
Primary current,
Primary conductor
Type
RoHS since
current rms
measuring range1)
diameter x turns
date code
I
PN (A)
I
PM (A)
(mm)
3
± 9
0.6d x 20T
HX 03-P/SP2
46128
5
± 15
0.8d x 12T
HX 05-P/SP2
46019
10
± 30
1.1d x 6T
HX 10-P/SP2
45352
15
± 45
1.4d x 4T
HX 15-P/SP2
46133
20
± 60
1.6d x 3T
HX 20-P/SP2
planned
25
± 75
1.6d x 2T
HX 25-P/SP2
46233
50
± 150
1.2 x 6.3 x 1T
HX 50-P/SP2
46152
V
OUT
Output voltage (Analog) @ ± I
PN, RL = 2 kΩ, TA = 25°C
V
OE ± 0.625
V
R
OUT
Output internal resistance
< 50
R
L
Load resistance
≥ 2
k
V
C
Supply voltage (± 5 %)
+ 12 .. 15
V
I
C
Current consumption
< 15
mA
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
> 3
kV
V
e
Partial discharge extinction voltage rms @ 10 pC
≥ 1
kV
V
W
Impulse withstand voltage, 1.2/50 µs
≥ 6
kV
Accuracy-Dynamic performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
% of I
PN
ε
L
Linearity error (0 .. ± I
PN)
< ± 1
% of I
PN
V
OE
Electrical offset voltage @ T
A = 25°C
+ 2.5V ± 50 mV
V
OH
Hysteresis offset voltage @ I
P = 0;
after an excursion of 1 x I
PN
< ± 10
mV
TCV
OE
Temperature coefficient of V
OE
< ± 1.5
mV/K
TCV
OUT
Temperature coefficient of V
OUT (% of reading)
± 0.1
%/K
t
r
Response time to 90% of I
PN step
≤ 3
µs
BW
Frequency bandwidth (- 3 dB) 2)
50
kHz
General data
T
A
Ambient operating temperature
- 25 .. + 85
°C
T
S
Ambient storage temperature
- 25 .. + 85
°C
m
Mass
8
g
dCp
Creepage distance
≥ 5.5
mm
Isolation material group
I
Standards
EN50178: 1997
Current Transducer HX 03..50-P/SP2
For the electronic measurement of currents: DC, AC, pulsed, mixed,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
I
PN
= 3 .. 50 A
Notes : 1) With R
L=2kΩ
2) Small signal only to avoid excessive heating of the magnetic core
Features
Galvanicisolationbetweenprimary
and secondary circuit
Halleffectmeasuringprinciple
Isolationvoltage 3000V
Low power consumption
Extended measuring range(3x I
PN
)
Insulated plastic case recognized
according to UL94-V0.
Special feature
Single supply from +12V to +15V
Advantages
Low insertion losses
Easy to mount with automatic
handling system
Small size and space saving
Only one design for wide current
ratings range
High immunity to external
interference.
Applications
Switched Mode Power Supplies
(SMPS)
ACvariablespeeddrives
UninterruptiblePowerSupplies
(UPS)
Electricalappliances
Batterysuppliedapplications
DC motor drives
Application domain
Industrial
061026/5
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/2


Similar Part No. - HX05-P

ManufacturerPart #DatasheetDescription
logo
LEM
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P
HX05-P LEM-HX05-P Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
HX05-P LEM-HX05-P Datasheet
660Kb / 2P
   Current Transducer
HX05-P LEM-HX05-P Datasheet
432Kb / 3P
   Current Transducer
HX05-P/SP2 LEM-HX05-P/SP2 Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
More results

Similar Description - HX05-P

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com