Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAZ4000-SB Datasheet(PDF) 3 Page - LEM

Part No. HAZ4000-SB
Description  Current Transducers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAZ4000-SB Datasheet(HTML) 3 Page - LEM

  HAZ4000-SB_07 Datasheet HTML 1Page - LEM HAZ4000-SB_07 Datasheet HTML 2Page - LEM HAZ4000-SB_07 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Safety
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements
in accordance with the following manufacturer's operating
instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can
carry hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious
damage.
This transducer is a built-in device, whose conducting parts
must be inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.
Dimensions HAZ 4000..20000-SB (in mm. 1 mm = 0.0394 inch)
Mechanical characteristics
General tolerance
± 0.5 mm
Aperture for primary conductor
162 mm x 42 mm
(± 2 mm)
Transducer fastening
4 x M5
(not supplied)
Recommended fastening torque < 5 Nm
Connection of secondary
Fujicon F2023A
(6 terminals)
Remarks
Temperature of the primary conductor should not exceed
120°C.
V
OUT is positive when IP flows in the direction of the arrow.
Operation Principle
Ip
0V
-Vc
Output
+Vc
Connection Circuit
162+/-1
235
250 +/-1.5
200
FUJICON F2023A
4-D6
M5
HAZ 10000-SB
6
5
4
3
2
1
N.C.
GND
0V
OUTPUT
-Vc
+Vc
1
6
Terminal
1...+Vc
2...-Vc
4...OUTPUT
3...0V
5...GND
6...N.C.
General tolerance +/-0.5
1
2
3
4
5
+Vc
-Vc
0V
OUTPUT
GND
RL=10K ohm
HAZxxx-SB
6
N.C.
161 ± 1
162
± 2
070219/8
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 3/3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn