Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK100B420 Datasheet(PDF) 2 Page - LEM

Part # DK100B420
Description  DC Current transducer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DK100B420 Datasheet(HTML) 2 Page - LEM

  DK100B420 Datasheet HTML 1Page - LEM DK100B420 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
page 2/2
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without previous notice.
LEM
www.lem.com
060616/11
Dimensions
DK-B020/420
(unit : mm, 1 mm = 0.0394 inch)
Mechanical characteristics
Standard output
• General tolerance
± 1 mm
• Primary aperture
21.7 mm sq.
• Panel mounting
2 holes
∅ 4.5 mm
Distance between holes
77.3 mm
Connections
• 2 x UNC8 Cylindric Head
4.5
13
89.7
77.3
30
61
21.7
61
- IP
+ IP
output in %
100
22-26 VAC
- dead front captive screw terminals
- 12-22AWG solid or stranded
22-38
20-50
VDC
650
Ω max.


Similar Part No. - DK100B420

ManufacturerPart #DatasheetDescription
logo
LEM
DK100B10 LEM-DK100B10 Datasheet
281Kb / 2P
   DC Current transducer
DK100B5 LEM-DK100B5 Datasheet
281Kb / 2P
   DC Current transducer
More results

Similar Description - DK100B420

ManufacturerPart #DatasheetDescription
logo
LEM
DK-B5 LEM-DK-B5 Datasheet
281Kb / 2P
   DC Current transducer
logo
PREMO CORPORATION S.L
DCT-200A PREMO-DCT-200A Datasheet
439Kb / 4P
   DC Current Transducer
DCT-400A PREMO-DCT-400A Datasheet
391Kb / 4P
   DC Current Transducer
DCT-700A PREMO-DCT-700A Datasheet
388Kb / 4P
   DC Current Transducer
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
DHR-C420 LEM-DHR-C420 Datasheet
881Kb / 3P
   AC/DC Current transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com