Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHR600C420 Datasheet(PDF) 1 Page - LEM

Part # DHR600C420
Description  AC/DC Current transducer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

DHR600C420 Datasheet(HTML) 1 Page - LEM

  DHR600C420 Datasheet HTML 1Page - LEM DHR600C420 Datasheet HTML 2Page - LEM DHR600C420 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Electrical data
Primary Nominal
Primary AC Current
Output current
Type
DC & AC Current
Max. Peak Value (*)
I
PN (A.t.RMS)
I
P (A)
I
OUT (mADC)
100
600
4-20
DHR 100 C420
200
600
4-20
DHR 200 C420
300
1000
4-20
DHR 300 C420
400
1000
4-20
DHR 400 C420
500
1800
4-20
DHR 500 C420
600
1800
4-20
DHR 600 C420
1000
1800
4-20
DHR 1000 C420
R
L
Load resistance
< 300
V
C
Supply voltage
+ 20 .. 50 V DC
I
C
Current consumption
30 mA + I
OUT
I
SL
Output current limitation
< 25
mA
Î
P
Overload capability (Ampere Turns)
30000
A.t
Performance data
X
Accuracy @ I
PN, TA = 25°C (excluding offset)
< ± 1
% of I
PN
ε
L
Linearity error (1% of I
PN .. ± IPN)
< ± 1.0 % of I
PN
I
OE
Electrical offset current, T
A = 25°C
4
mA
TCI
OE
Temperature coefficient of I
OE
( 0..+60 °C)
± 3.2
µA/K
(-40..+70 °C)
± 6.4
µA/K
TCI
OUT
Temperature coefficient of I
OUT (% of reading)
± 0.1
%/K
t
r
Response time to 90% of I
PN step
< 150
m s
BW
Frequency bandwidth (±1dB)
DC 20..6000Hz
General data
T
A
Ambient operating temperature
- 40 .. + 70
°C
T
S
Ambient storage temperature
- 40 .. + 85
°C
m
Mass
260
g
IPxx
Protection degree
IP20
Note :
(*) The Max. Peak AC Current is the highest peak level of the primary signal that is
taken into account for accurate True RMS calculation. Yet the device is designed for
maximum continuous True RMS value equal to I
PN, whereas the output is limited by
the above specified output limitation.
AC/DC Current transducer DHR-C420
The transducer for the electronic measurement of DC & distorted AC
waveform currents, with galvanic isolation between the primary circuit
(power) and the secondary circuit (measurement). True RMS 4-20mA
current output.
I
PN = 100..1000 A
Features
• VFD and SCR waveforms current
measurement
• True RMS output
• 4-20mA current output
• Panel mounting
• Eliminates insertion loss
• Insulated plastic case recognized
according to UL94-V0
Advantages
• Large aperture for cable up to
Ø32mm
• High isolation between primary and
secondary circuits
• Easy installation
Applications
• VFD Controlled Loads
VFD output indicates how the motor
and attached load are operating.
• SCR Controlled Loads
Acurate measurement of phase
angle fired or burst fired (time
proportioned)
SCRs. Current measurement gives
faster response than temperature
measurement.
• Switching Power Supplies and
Electronic Ballasts
True RMS sensing is the most
accurate way to measure power
supply or ballast input power.
Application domain
• Energy and Automation
061128/14
www.lem.com
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
Page 1/3


Similar Part No. - DHR600C420

ManufacturerPart #DatasheetDescription
logo
LEM
DHR600C420 LEM-DHR600C420 Datasheet
688Kb / 4P
   AC/DC Current Transducer
More results

Similar Description - DHR600C420

ManufacturerPart #DatasheetDescription
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C10 LEM-DHR-C10 Datasheet
643Kb / 4P
   AC/DC Current Transducer
AHR-B5 LEM-AHR-B5 Datasheet
844Kb / 3P
   AC/DC Current transducer
AHR-B10 LEM-AHR-B10 Datasheet
845Kb / 3P
   AC/DC Current transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR100C10 LEM-DHR100C10 Datasheet
880Kb / 3P
   AC/DC Current transducer
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
   AC/DC Current transducer
DHR-C420 LEM-DHR-C420_12 Datasheet
688Kb / 4P
   AC/DC Current Transducer
DHR500C5 LEM-DHR500C5_12 Datasheet
641Kb / 4P
   AC/DC Current Transducer
DHR-C5 LEM-DHR-C5 Datasheet
880Kb / 3P
   AC/DC Current transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com