Electronic Components Datasheet Search |
|
DHR400C10 Datasheet(PDF) 3 Page - LEM |
|
DHR400C10 Datasheet(HTML) 3 Page - LEM |
3 / 3 page DHR-C5/10 DHR Output Connector 1(Vcc) 2(NC) 3(Vout) 4(GND) (+) (-) 24 VDC Power (Controller, meter etc) Load (-) (+) 10k Mechanical characteristics • General tolerance ±1 mm • Primary aperture ∅ 32.0 mm • Panel mounting 4 holes ∅ 4.6 mm • Distance between holes 70.0 mm & 78 mm (see above dimensions) For panel mounting, replace M4 screws by new one (not supplied) with appropriate length to panel´s thickness. Remarks • V OUT is positive when IP flows in the direction of the arrow. • The return busbar and primary conductor elbow must be located at least at 2.5 x window length more far away from the transducer case. • The temperature of the primary busbar can not exceed 90 °C. • Dynamic performances are the best with a primary busbar completely filling the primary aperture. • This is a standard model. For different versions (supply voltages, different outputs, bidirectional measurements...), please contact us. Ip Is OUT +24VDC GND Ip Is OUT +24VDC GND Dimensions DHR-C10 (in mm. 1 mm = 0.0394 inch) 6 0 90 7 0 2 2.2 8 6 .80 6 7 8 7 2 5 4 15 Connections • Wires up to 2 mm ∅ • Female connector provided (screw terminals) 061128/14 www.lem.com LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice. Page 3/3 |
Similar Part No. - DHR400C10 |
|
Similar Description - DHR400C10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |