Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B9011 Datasheet(PDF) 4 Page - EPCOS

Part # B9011
Description  Low-Loss Filter for Mobile Communication
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B9011 Datasheet(HTML) 4 Page - EPCOS

  B9011 Datasheet HTML 1Page - EPCOS B9011 Datasheet HTML 2Page - EPCOS B9011 Datasheet HTML 3Page - EPCOS B9011 Datasheet HTML 4Page - EPCOS B9011 Datasheet HTML 5Page - EPCOS B9011 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Jan 23, 2004
SAW Components
B9011
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to
+ 80 ˚C
Terminating source impedance:
ZS = 100 Ω || 82nH (balanced)
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
836,5
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
2,2
2,81)
1) Maximum insertion attenuation at -30..+85˚C: 3,2 dB
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
0,8
1,5
dB
Input VSWR
824,0
... 849,0
MHz
1,8
2,0
Output VSWR
824,0
... 849,0
MHz
1,8
2,0
Output phase balance
(φ(S31)−φ(S21)+180˚)
824,0
... 849,0
MHz
-10
10
degree
Output amplitude balance
(|S31/S21|)
824,0
... 849,0
MHz
-1,0
1,0
dB
Diff. to common mode suppression
Ssc12
824,0
... 849,0
MHz
18
36
dB
1648,0
... 1698,0
MHz
18
50
dB
2472,0
... 2547,0
MHz
18
34
dB
Attenuation
α
0,0
... 779,0
MHz
50
68
dB
779,0
... 804,0
MHz
25
48
dB
804,0
... 814,0
MHz
12
16
dB
859,0
... 869,0
MHz
7
17
dB
869,0
... 925,0
MHz
25
29
dB
925,0
...3576,0
MHz
30
50
dB
3576,0
...6000,0
MHz
15
50
dB


Similar Part No. - B9011

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
B901 EDAL-B901 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
B901-10 EDAL-B901-10 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
B901-100 EDAL-B901-100 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
B901-120 EDAL-B901-120 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
B901-20 EDAL-B901-20 Datasheet
75Kb / 1P
   Silicon Bridge Rectifier
More results

Similar Description - B9011

ManufacturerPart #DatasheetDescription
logo
EPCOS
B4127 EPCOS-B4127 Datasheet
68Kb / 7P
   Low-Loss Filter for Mobile Communication
B7822 EPCOS-B7822 Datasheet
61Kb / 7P
   Low-Loss Filter for Mobile Communication
B7844 EPCOS-B7844 Datasheet
90Kb / 6P
   Low-Loss Filter for Mobile Communication
B9031 EPCOS-B9031 Datasheet
72Kb / 7P
   Low-Loss Filter for Mobile Communication
B9015 EPCOS-B9015 Datasheet
72Kb / 6P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4126 ETC-B4126 Datasheet
49Kb / 4P
   Low Loss Filter for Mobile Communication
logo
EPCOS
B4133 EPCOS-B4133 Datasheet
70Kb / 6P
   Low-Loss Filter for Mobile Communication
B4166 EPCOS-B4166 Datasheet
77Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
List of Unclassifed Man...
B4168 ETC-B4168 Datasheet
85Kb / 7P
   Low-Loss Filter for Mobile Communication
logo
EPCOS
B7834 EPCOS-B7834 Datasheet
67Kb / 6P
   Low-Loss Filter for Mobile Communication
B7806 EPCOS-B7806 Datasheet
86Kb / 7P
   Low-Loss Filter for Mobile Communication
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com