Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NX7462LE-CC Datasheet(PDF) 3 Page - California Eastern Labs

Part No. NX7462LE-CC
Description  1480 nm InGaAsP MQW FP PUMP LASER DIODE MODULE FOR EDFA APPLICATION (120 mW MIN)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

NX7462LE-CC Datasheet(HTML) 3 Page - California Eastern Labs

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NX7462LE-CC
ORDERING INFORMATION
PART NUMBER
AVAILABLE CONNECTOR
NX7462LE-CC
With SC-UPC Connector
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Forward Current of LD
IF
720
mA
Reverse Voltage of LD
VR
2.0
V
Forward Current of PD
IF
10
mA
Reverse Voltage of PD
VR
20
V
Operating Case Temperature
TC
–20 to +70
°C
Storage Temperature
Tstg
–40 to +85
°C
Thermistor Current
It
0.5
mA
Thermistor Voltage
Vt
12.0
V
Cooler Current
IC
1.8
A
Cooler Voltage
VC
6.0
V
Lead Soldering Temperature
Tsld
260 (10 sec.)
°C
ELECTRO-OPTICAL CHARACTERISTICS (TLD = 25°C, TC = -20 to +70°C, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Threshold Current
Ith
CW
50
60
mA
Forward Voltage
VF
IF = 550 mA
2.2
2.7
V
Optical Output Power from Fiber
Pf
IF = 550 mA
120
mW
Center Wavelength
λC
IF = 550 mA, RMS (–20 dB)
1 460
1 480
1 490
nm
Spectrum Width
σ
IF = 550 mA, RMS (–20 dB)
4.0
8.0
nm
Isolation
IS
1 460 nm to 1 490 nm
25
25
dB


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn