Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NX6307 Datasheet(PDF) 1 Page - California Eastern Labs

Part No. NX6307
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CEL [California Eastern Labs]
Homepage  http://www.cel.com
Logo 

   
 1 page
background image
1
NEC's 1310 nm InGaAsP MQW DFB
LASER DIODE IN CAN PACKAGE
FOR 2.5 Gb/s APPLICATIONS
NX6307 SERIES
FEATURES
• OPTICAL OUTPUT POWER:
Po = 7.0 mW
• LOW THRESHOLD CURRENT:
lth = 10 mA @ TC = 25°C
• HIGH SPEED:
tr, tf = 0.2 ns MAX.
• SIDE MODE SUPPRESSION RATIO:
SMSR = 45 dB @ TYP.
• InGaAs MONITOR PIN-PD
• CAN PACKAGE:
φ
5.6 mm
• BASED ON TELCORDIA RELIABILITY
DESCRIPTION
NEC's NX6307 Series is a 1 310 nm Multiple Quantum Well
(MQW) structured Distributed Feed-Back (DFB) laser diode
with InGaAs monitor PIN-PD.
This device is ideal for Synchronous Digital Hierarchy
(SDH) system, short haul and long haul STM-16, ITU-T
recommendations.
California Eastern Laboratories
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
PRELIMINARY DATASHEET
NX6307G Series
NX6307S Series




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NX53111310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 1.25 Gb/s AND FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NX63011310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS 1 2 3 4 California Eastern Labs
NX63061310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS 1 2 3 4 5 California Eastern Labs
NX53131310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS 1 2 3 4 California Eastern Labs
NX53021310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS 1 2 3 4 California Eastern Labs
NX5310_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s FTTH InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5312_061 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5315EH_061 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
NX5504_061 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE 1 2 3 4 5 MoreCalifornia Eastern Labs
LT051PSHigh Power Red Laser Diode for DVD-R/DVD-RW Drive 635nm-30mW 1 2 3 Sharp Electrionic Components

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl