Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX6306 Datasheet(PDF) 2 Page - California Eastern Labs

Part # NX6306
Description  1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s and 622 Mb/s APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX6306 Datasheet(HTML) 2 Page - California Eastern Labs

  NX6306 Datasheet HTML 1Page - California Eastern Labs NX6306 Datasheet HTML 2Page - California Eastern Labs NX6306 Datasheet HTML 3Page - California Eastern Labs NX6306 Datasheet HTML 4Page - California Eastern Labs NX6306 Datasheet HTML 5Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NX6306 Series
PACKAGE DIMENSIONS (UNIT: mm)
1 (CASE)
4
3
2
LD
PD
NX6306SK
1 (CASE)
4
3
2
LD
PD
NX6306GK
4.2±0.1
3.55±0.05
5.6+0.00
-0.03
1.0±0.1
P.C.D
2.0
LD CHIP
4– 0.45
PIN CONNECTIONS
BOTTOM VIEW
NX6306S Series
1.0 MIN.
1.6±0.1
1 (CASE)
2
3
4
LD
PD
NX6306SH
4.3±0.1
3.75±0.05
5.6+0.00
-0.03
1.0±0.1
P.C.D
2.0
4– 0.45
Focal Point
PIN CONNECTIONS
BOTTOM VIEW
NX6306G Series
1 (CASE)
2
3
4
LD
PD
NX6306GH
*1 n = 1.48 Bolosilicate Glass
REFERENCE
PLANE
1
2
3
4
1
2
3
4
0.3+0.1
-0.0
+0.1
-0.0
0.3


Similar Part No. - NX6306

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX6306 RENESAS-NX6306 Datasheet
272Kb / 11P
   LASER DIODE
2004
logo
California Eastern Labs
NX63067H CEL-NX63067H Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
NX63067K CEL-NX63067K Datasheet
401Kb / 5P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 2.5 Gb/s APPLICATIONS
logo
Renesas Technology Corp
NX6306GH RENESAS-NX6306GH Datasheet
272Kb / 11P
   LASER DIODE
2004
NX6306GK RENESAS-NX6306GK Datasheet
272Kb / 11P
   LASER DIODE
2004
More results

Similar Description - NX6306

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX6301 CEL-NX6301 Datasheet
96Kb / 4P
   1310 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5312 CEL-NX5312 Datasheet
347Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/s APPLICATIONS
NX7301BA-CC CEL-NX7301BA-CC Datasheet
105Kb / 4P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
NX5304 CEL-NX5304 Datasheet
167Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX5310 CEL-NX5310 Datasheet
342Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR 155 Mb/s, 622 Mb/s, 1.25 Gb/S AND FTTH APPLICATIONS
NX8303BG-CC CEL-NX8303BG-CC Datasheet
98Kb / 4P
   NECs 1310 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE FOR 622 Mb/s APPLICATION
NX6506 CEL-NX6506 Datasheet
353Kb / 5P
   NECs 1550 nm InGaAsP MQW-DFB LASER DIODE IN CAN PACKAGE FOR 622 Mb/s AND 1.25 Gb/s APPLICATIONS
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
NX7312UA CEL-NX7312UA Datasheet
187Kb / 4P
   NECs 1310 nm InGaAsP MQW FP TOSA FOR SHORT HAUL 155 Mb/s and 622 Mb/s APPLICATIONS
NX6511GH CEL-NX6511GH Datasheet
967Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com