Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5504 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NX5504
Description  1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX5504 Datasheet(HTML) 5 Page - California Eastern Labs

  NX5504_06 Datasheet HTML 1Page - California Eastern Labs NX5504_06 Datasheet HTML 2Page - California Eastern Labs NX5504_06 Datasheet HTML 3Page - California Eastern Labs NX5504_06 Datasheet HTML 4Page - California Eastern Labs NX5504_06 Datasheet HTML 5Page - California Eastern Labs NX5504_06 Datasheet HTML 6Page - California Eastern Labs NX5504_06 Datasheet HTML 7Page - California Eastern Labs NX5504_06 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NX5504 Series
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Operating Voltage
Vop
Po = 5.0 mW, TC =
−40 to +85°C
1.1
1.5
V
Threshold Current
Ith
8
20
mA
TC = 85
°C
20
40
Threshold Output Power
Pth
TC =
−40 to +85°C, IF = Ith
100
200
µW
Differential Efficiency
ηd
0.15
0.3
W/A
Temperature Dependence of
Differential Efficiency
∆ηd
∆ηd = 10 log
−3.0
−1.5
dB
Center Wavelength
λC
Po = 5.0 mW, RMS (
−20 dB)
TC =
−40 to +85°C
1 480
1 580
nm
Temperature Dependence of Center
Wavelength
λ/T
TC =
−40 to +85°C
0.5
nm/
°C
Spectral Width
σ
Po = 5.0 mW, RMS (
−20 dB)
TC =
−40 to +85°C
1.5
3.0
nm
Rise Time
tr
10-90%
0.7
ns
Fall Time
tf
90-10%
0.7
ns
Monitor Current
Im
VR = 5 V, Po = 5.0 mW
200
µA
Monitor Dark Current
ID
VR = 5 V
0.1
10
nA
VR = 5 V, TC =
−40 to +85°C
500
Monitor PD Terminal Capacitance
Ct
VR = 5 V, f = 1 MHz
6
20
pF
Tracking Error
*1
γ
Im = const. (@ Po = 5.0 mW, TC = 25
°C)
TC =
−40 to +85°C
−1.0
1.0
dB
ηd (@ 85°C)
ηd (@ 25°C)
*1 Tracking Error:
γ
0
Im
Im
TC = 25˚C
TC = –40 to +85˚C
Po
(mW)
Po
5.0
(mA)
γ = 10 log
[dB]
Po
5.0
Data Sheet PL10435EJ04V0DS
5


Similar Part No. - NX5504_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX5504EH RENESAS-NX5504EH Datasheet
269Kb / 12P
   LASER DIODE
2006
logo
California Eastern Labs
NX5504EH-AZ CEL-NX5504EH-AZ Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
logo
Renesas Technology Corp
NX5504EK RENESAS-NX5504EK Datasheet
269Kb / 12P
   LASER DIODE
2006
logo
California Eastern Labs
NX5504EK-AZ CEL-NX5504EK-AZ Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
More results

Similar Description - NX5504_06

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX5522 CEL-NX5522 Datasheet
185Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5521 CEL-NX5521 Datasheet
182Kb / 7P
   1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5521 RENESAS-NX5521 Datasheet
192Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
NX5522 RENESAS-NX5522 Datasheet
201Kb / 8P
   LASER DIODE 1 550 nm FOR FTTH InGaAsP MQW-FP LASER DIODE
logo
California Eastern Labs
NX5323EH CEL-NX5323EH Datasheet
173Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5317 CEL-NX5317 Datasheet
338Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
NX5315EH CEL-NX5315EH_06 Datasheet
283Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX5313 RENESAS-NX5313 Datasheet
220Kb / 9P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
NEC
NX5323EH NEC-NX5323EH Datasheet
89Kb / 7P
   1 310 nm FOR FTTH PON APPLICATION InGaAsP MQW-FP LASER DIODE
logo
Renesas Technology Corp
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
   LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com