Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3761-BIRHARG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF3761-BIRHARG4
Description  INTEGER-N PLL WITH INTEGRATED VCO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3761-BIRHARG4 Datasheet(HTML) 5 Page - Texas Instruments

  TRF3761-BIRHARG4 Datasheet HTML 1Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 2Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 3Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 4Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 5Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 6Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 7Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 8Page - Texas Instruments TRF3761-BIRHARG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
www.ti.com
THERMAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
TRF3761
SLWS181F – OCTOBER 2005 – REVISED JANUARY 2007
TERMINAL FUNCTIONS (continued)
TERMINAL(1)
I/O
DESCRIPTION
NAME
NO.
Analog power supply, requires 4.5 to 5.25 V, Suggested decoupling, 0.1uF and
AVDD
21
10pF capacitors in parallel.
Power supply for VCO core and buffer, requires 4.5 to 5.25 V, Suggested
AVDD_CAPARRAY
23
decoupling, 0.1uF and 10pF capacitors in parallel.
Power supply for VCO core and buffer, requires 4.5 to 5.25 V, Suggested
AVDD_BUF
24
decoupling, 0.1uF and 10pF capacitors in parallel.
Power supply for VCO core and buffer, requires 4.5 to 5.25 V, Suggested
AVDD_VCO
25
decoupling, 0.1uF and 10pF capacitors in parallel.
VCTRL_IN
26
I
VCO control voltage, the output of the loop filter is applied to this pin.
External bias resistor for setting charge pump reference current, requires 2.37K
RBIAS1
28
I/O
ohm resistor to ground.
Power supply for band gap current bias, requires 4.5 to 5.25 V, Suggested
AVDD_BIAS
29
decoupling, 0.1uF and 10pF capacitors in parallel.
10, 11, 12, 16, 20, 22,
GND
Analog ground
27, 30, 31, 33, 37
Power supply for FUSE cell, requires 4.5 to 5.25V. Suggested decoupling, 0.1uF,
AVDD
32
1nF and 1pF capacitors in parallel.
CPOUT
34
O
Charge pump output, connected to the input of loop filter.
Analog power supply for charge pump, requires 4.5 to 5.25 V, Suggested
AVDD_CP
35
decoupling, 0.1uF and 10pF capacitors in parallel
Power supply for REF_IN circuitry, requires 4.5 to 5.25 V, Suggested decoupling,
AVDD_REF
36
0.1uF and 10pF capacitors in parallel.
REF_IN
38
I
Reference signal input, reference oscillator input of 10MHz to 104MHz.
Generally used for digital lock detect, can be used to verify locked condition by
MUX_OUT
39
O
microcontroller, high = locked, low = unlocked.
Power supply for the digital regulator, requires 4.5 to 5.25 V, Suggested
DVDD2
40
decoupling, 0.1uF and 10pF capacitors in parallel.
over operating free-air temperature range (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Soldered slug, no airflow
26
°C/W
θ
JA
Thermal derating, junction-to-ambient
Soldered slug, 200-LFM airflow
20.1
°C/W
Soldered slug, 400-LFM airflow
17.4
°C/W
(1)
Determined using JEDEC standard JESD-51 with High K board
Over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
Supply voltage range(2)
–0.3 to 5.5
V
Digital I/O voltage range
–0.3 to VCC +0.3
V
TJ
Operating virtual junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
5
Submit Documentation Feedback


Similar Part No. - TRF3761-BIRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761-B TI1-TRF3761-B Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results

Similar Description - TRF3761-BIRHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com