Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J177 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # J177
Description  P-Channel Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J177 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  J177 Datasheet HTML 1Page - Fairchild Semiconductor J177 Datasheet HTML 2Page - Fairchild Semiconductor J177 Datasheet HTML 3Page - Fairchild Semiconductor J177 Datasheet HTML 4Page - Fairchild Semiconductor J177 Datasheet HTML 5Page - Fairchild Semiconductor J177 Datasheet HTML 6Page - Fairchild Semiconductor J177 Datasheet HTML 7Page - Fairchild Semiconductor J177 Datasheet HTML 8Page - Fairchild Semiconductor J177 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P-Channel Switch
(continued)
Typical Characteristics (continued)
Noise Voltage vs Frequency
0.01
0.1
1
10
100
1
5
10
50
100
f - FREQUENCY (kHz)
V
= - 15V
BW = 6.0 Hz @ f = 10 Hz, 100 Hz
= 0.2f @ f
≥ 1.0 kHz
DG
I
= 5.0 mA
D
I
= - 0.2 mA
D
Channel Resistance
vs Temperature
-50
0
50
100
150
10
50
100
500
1000
T
- AMBIENT TEMPERATURE ( C)
A
o
V
= 2.5V
GS(off)
V
= 4.5V
GS(off)
V
= 8.0V
GS(off)
V
= -100 mV
V
= 0
DS
GS
Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
TEMPERATURE ( C)
o
TO-92
SOT-23


Similar Part No. - J177

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J177 PHILIPS-J177 Datasheet
33Kb / 6P
   P-channel silicon field-effect transistors
April 1995
logo
Fairchild Semiconductor
J177 FAIRCHILD-J177 Datasheet
58Kb / 5P
   P-Channel Switch
logo
Calogic, LLC
J177 CALOGIC-J177 Datasheet
23Kb / 2P
   P-Channel JFET Switch
logo
Linear Integrated Syste...
J177 LINEAR-J177 Datasheet
237Kb / 2P
   SINGLE P-CHANNEL JFET SWITCH
logo
Vishay Siliconix
J177 VISHAY-J177 Datasheet
55Kb / 6P
   P-Channel JFETs
Rev. E, 04-Jun-01
More results

Similar Description - J177

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J270 FAIRCHILD-J270 Datasheet
27Kb / 3P
   P-Channel Switch
P1087 FAIRCHILD-P1087 Datasheet
26Kb / 3P
   P-Channel Switch
P1086 FAIRCHILD-P1086 Datasheet
26Kb / 3P
   P-Channel Switch
logo
Pan Jit International I...
MMBFJ270 PANJIT-MMBFJ270 Datasheet
198Kb / 5P
   P-CHANNEL SWITCH
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
46Kb / 3P
   P-Channel Switch
MMBFJ271 FAIRCHILD-MMBFJ271 Datasheet
193Kb / 3P
   P-Channel Switch
J271 FAIRCHILD-J271 Datasheet
27Kb / 3P
   P-Channel Switch
J174 FAIRCHILD-J174 Datasheet
58Kb / 5P
   P-Channel Switch
logo
ON Semiconductor
J175 ONSEMI-J175 Datasheet
341Kb / 8P
   P-Channel Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270_08 Datasheet
408Kb / 5P
   P-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com