Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J174 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # J174
Description  P-Channel Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J174 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  J174_01 Datasheet HTML 1Page - Fairchild Semiconductor J174_01 Datasheet HTML 2Page - Fairchild Semiconductor J174_01 Datasheet HTML 3Page - Fairchild Semiconductor J174_01 Datasheet HTML 4Page - Fairchild Semiconductor J174_01 Datasheet HTML 5Page - Fairchild Semiconductor J174_01 Datasheet HTML 6Page - Fairchild Semiconductor J174_01 Datasheet HTML 7Page - Fairchild Semiconductor J174_01 Datasheet HTML 8Page - Fairchild Semiconductor J174_01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
5
Typical Characteristics (continued)
Transfer Characteristics
0
123
4
-32
-24
-16
-8
0
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 4.5 V
GS(off)
25°C
V
= - 15 V
DS
V
= 2.5 V
GS(off)
125°C
- 55°C
25°C
125°C
- 55°C
Transfer Characteristics
0
123
4
0
4
8
12
16
V
- GATE-SOURCE VOLTAGE (V)
GS
V
= - 4.5 V
GS(off)
25°C
V
= - 15 V
DS
V
= 2.5 V
GS(off)
125°C
- 55°C
25°C
- 55°C
125°C
Output Conductance
vs Drain Current
0.01
0.1
1
10
1
10
100
1000
I
- DRAIN CURRENT (mA)
D
V
= - 4.5V
GS(off)
f = 1.0 kHz
V
= - 2.5V
GS(off)
-20V
-10V
-10V
-20V
-5.0V
-5.0V
_
_
_
_
Transconductance
vs Drain Current
0.1
1
10
100
0.1
0.5
1
5
10
I
- DRAIN CURRENT (mA)
D
V
= 2.5V
GS(off)
V
= -15V
f = 1.0 kHz
DG
V
= 6.0V
GS(off)
- 55°C
25°C
125°C
25°C
_
_
_
_
Capacitance vs Voltage
04
8
12
16
20
1
5
10
100
V
- GATE-SOURCE VOLTAGE (V)
GS
C
(V
= -15V)
is
DS
C
(V
= -15V)
rs
DS
f = 0.1 - 1.0 MHz
Normalized Drain Resistance
vs Bias Voltage
0
0.2
0.4
0.6
0.8
1
1
2
5
10
20
50
100
V
/V
- NORMALIZED GATE-SOURCE VOLTAGE (V)
GS
r
=
DS
V
@ 5.0V, 10
µA
GS(off)
r DS
________
V GS(off)
V
GS
1 -
GS(off)
P-Channel Switch
(continued)


Similar Part No. - J174_01

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
J174 CALOGIC-J174_15 Datasheet
31Kb / 2P
   P-Channel JFET Switch
logo
Micross Components
J174_TO-92 MICROSS-J174_TO-92 Datasheet
304Kb / 1P
   P-CHANNEL JFET
More results

Similar Description - J174_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J270 FAIRCHILD-J270 Datasheet
27Kb / 3P
   P-Channel Switch
P1087 FAIRCHILD-P1087 Datasheet
26Kb / 3P
   P-Channel Switch
P1086 FAIRCHILD-P1086 Datasheet
26Kb / 3P
   P-Channel Switch
logo
Pan Jit International I...
MMBFJ270 PANJIT-MMBFJ270 Datasheet
198Kb / 5P
   P-CHANNEL SWITCH
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270 Datasheet
46Kb / 3P
   P-Channel Switch
MMBFJ271 FAIRCHILD-MMBFJ271 Datasheet
193Kb / 3P
   P-Channel Switch
J271 FAIRCHILD-J271 Datasheet
27Kb / 3P
   P-Channel Switch
J174 FAIRCHILD-J174 Datasheet
58Kb / 5P
   P-Channel Switch
logo
ON Semiconductor
J175 ONSEMI-J175 Datasheet
341Kb / 8P
   P-Channel Switch
October-2017, Rev. 2
logo
Fairchild Semiconductor
MMBFJ270 FAIRCHILD-MMBFJ270_08 Datasheet
408Kb / 5P
   P-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com