Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J111 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # J111
Description  N-Channel Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J111 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  J111_01 Datasheet HTML 1Page - Fairchild Semiconductor J111_01 Datasheet HTML 2Page - Fairchild Semiconductor J111_01 Datasheet HTML 3Page - Fairchild Semiconductor J111_01 Datasheet HTML 4Page - Fairchild Semiconductor J111_01 Datasheet HTML 5Page - Fairchild Semiconductor J111_01 Datasheet HTML 6Page - Fairchild Semiconductor J111_01 Datasheet HTML 7Page - Fairchild Semiconductor J111_01 Datasheet HTML 8Page - Fairchild Semiconductor J111_01 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Typical Characteristics (continued)
Output Conductance
vs Drain Current
0.01
0.1
10
0.1
1
10
100
I
- DRAIN CURRENT (mA)
D
V
= - 5.0V
GS(off)
T
= 25°C
f = 1.0 kHz
V
= 5.0V
DG
A
10V
15V
20V
5.0V
V
= - 2.0V
GS(off)
V
= - 0.85V
GS(off)
10V
15V
20V
10V
15V
20V
5.0V
Transconductance
vs Drain Current
0.1
1
10
1
10
100
I
- DRAIN CURRENT (mA)
D
V
= - 1.4V
GS(off)
T = 25°C
V
= 15V
f = 1.0 kHz
A
DG
V
= - 3.0V
GS(off)
Capacitance vs Voltage
-20
-16
-12
-8
-4
0
1
10
100
V
- GATE-SOURCE VOLTAGE (V)
GS
C
(V
= 0)
is
DS
C
(V
= 20)
is
DS
C
(V
= 0)
rs
DS
f = 0.1 - 1.0 MHz
Noise Voltage vs Frequency
0.01
1
10
100
1
5
10
50
100
f - FREQUENCY (kHz)
V
= 15V
BW = 6.0 Hz @ f = 10 Hz, 100 Hz
= 0.21 @ f
≥ 1.0 kHz
DG
I
= 10 mA
D
I
= 1.0 mA
D
Noise Voltage vs Current
0.01
0.1
1
10
1
10
100
I
- DRAIN CURRENT (mA)
V
= 15V
DG
D
f = 10 Hz
f = 100 Hz
f = 1.0 kHz
f = 10 kHz
f = 100 kHz
Power Dissipation vs
Ambient Temperature
025
50
75
100
125
150
0
100
200
300
400
500
600
700
TEMPERATURE ( C)
o
TO-92
SOT-23
N-Channel Switch
(continued)


Similar Part No. - J111_01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J111-D26Z ONSEMI-J111-D26Z Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
logo
Fairchild Semiconductor
J111-D74Z FAIRCHILD-J111-D74Z Datasheet
157Kb / 6P
   This device is designed for low level analog switching, sample and hold circuits and chopper stabilized amplifiers
logo
ON Semiconductor
J111-D74Z ONSEMI-J111-D74Z Datasheet
450Kb / 11P
   N-Channel Switch
April, 2021 ??Rev. 4
logo
CIT Relay & Switch
J1111AS100VDC CIT-J1111AS100VDC Datasheet
167Kb / 2P
   CIT SWITCH
J1111AS12VDC CIT-J1111AS12VDC Datasheet
167Kb / 2P
   CIT SWITCH
More results

Similar Description - J111_01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
J109D27Z FAIRCHILD-J109D27Z Datasheet
135Kb / 7P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com