Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2007IPWRG4 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TSC2007IPWRG4
Description  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2007IPWRG4 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  TSC2007IPWRG4 Datasheet HTML 1Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 2Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 3Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 4Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 5Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 6Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 7Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 8Page - Burr-Brown (TI) TSC2007IPWRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
BurrBrown Products
from Texas Instruments
®
TSC2007
FEATURES
APPLICATIONS
DESCRIPTION
PENIRQ
I C
Serial
Interface
and
Control
2
SCL
SDA
A[0:1]
X+
X-
Y+
Y-
AUX
TEMP
Mux
VDD/REF
GND
SAR
ADC
Internal
Clock
Touch
Screen
Drivers
Interface
TSC2007
SBAS405 – MARCH 2007
1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire
Micro TOUCH SCREEN CONTROLLER with I2C™ Interface
• Cellular Phones
• 4-Wire Touch Screen Interface
• PDA, GPS, and Media Players
• Single 1.2V to 3.6V Supply/Reference
• Portable Instruments
• Ratiometric Conversion
• Point-of-Sale Terminals
• Effective Throughput Rate:
• Multiscreen Touch Control
Up to 20kHz (8-Bit) or 10kHz (12-Bit)
• Preprocessing to Reduce Bus Activity
• I2C Interface Supports:
The TSC2007 is a very low-power touch screen
Standard, Fast, and High-Speed Modes
controller designed to work with power-sensitive,
• Simple, Command-Based User Interface:
handheld
applications
that
are
based
on
an
advanced low-voltage processor. It works with a
TSC2003 Compatible
supply voltage as low as 1.2V, which can be
8- or 12-Bit Resolution
supplied by a single-cell battery. It contains a
• On-Chip Temperature Measurement
complete, ultra-low power, 12-bit, analog-to-digital
(A/D) resistive touch screen converter, including
• Touch Pressure Measurement
drivers and the control logic to measure touch
• Digital Buffered PENIRQ
pressure.
• On-Chip, Programmable PENIRQ Pullup
In addition to these standard features, the TSC2007
• Auto Power-Down Control
offers
preprocessing
of
the
touch
screen
• Low Power:
measurements to reduce bus loading, thus reducing
the consumption of host processor resources that
32.24
µA at 1.2V, Fast Mode, 8.2kHz Eq Rate
can then be redirected to more critical functions.
39.31
µA at 1.8V, Fast Mode, 8.2kHz Eq Rate
The TSC2007 supports an I2C serial bus and data
53.32
µA at 2.7V, Fast Mode, 8.2kHz Eq Rate
transmission protocol in all three defined modes:
• Enhanced ESD Protection:
standard,
fast,
and
high-speed.
It
offers
±8kV HBM
programmable
resolution
of
8
or
12
bits
to
accommodate
different
screen
sizes
and
±1kV CDM
performance needs.
±25kV Air Gap Discharge
The
TSC2007
is
available
in
a
12-lead,
±15kV Contact Discharge
(1.555
±0.055mm) x (2.055 ±0.055mm), 3 x 4 array,
• 1.5 x 2 WCSP-12 and 5 x 6.4 TSSOP-16
wafer chip-scale package (WCSP), and a 16-pin,
Packages
TSSOP package. The TSC2007 is characterized for
U.S. Patent NO. 6246394; other patents pending.
the –40
°C to +85°C industrial temperature range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
I2C is a trademark of NXP Semiconductors.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TSC2007IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007IPWRG4 TI-TSC2007IPWRG4 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007IPWRG4 TI1-TSC2007IPWRG4 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
More results

Similar Description - TSC2007IPWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2007 TI1-TSC2007_17 Datasheet
1Mb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com