Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9V2040D3S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # ISL9V2040D3S
Description  EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ISL9V2040D3S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  ISL9V2040D3S_04 Datasheet HTML 1Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 2Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 3Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 4Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 5Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 6Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 7Page - Fairchild Semiconductor ISL9V2040D3S_04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
©2004 Fairchild Semiconductor Corporation
ISL9V2040D3S / ISL9V2040S3S / ISL9V2040P3 Rev. B3, October 2004
Typical Performance Curves (Continued)
Figure 13. Capacitance vs Collector to Emitter
Voltage
Figure 14. Gate Charge
Figure 15. Breakdown Voltage vs Series Gate Resistance
Figure 16. IGBT Normalized Transient Thermal Impedance, Junction to Case
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
1200
800
600
1000
010
515
20
25
0
COES
CRES
CIES
FREQUENCY = 1 MHz
400
200
QG, GATE CHARGE (nC)
0
2
4
8
0
5
10
15
20
25
3
5
7
6
1
IG(REF) = 1mA, RL = 1.25Ω, TJ = 25°C
VCE = 6V
VCE = 12V
RG, SERIES GATE RESISTANCE (kΩ)
415
395
385
405
10
2000
1000
3000
370
100
400
390
410
380
TJ = - 40°C
TJ = 25°C
TJ = 175°C
ICER = 10mA
375
T1, RECTANGULAR PULSE DURATION (s)
100
10-2
10-1
10-1
10-2
10-3
10-4
100
DUTY FACTOR, D = t1 / t2
PEAK TJ = (PD X ZθJC X RθJC) + TC
t1
t2
PD
10-5
0.5
0.2
0.1
0.05
0.02
0.01
SINGLE PULSE


Similar Part No. - ISL9V2040D3S_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
More results

Similar Description - ISL9V2040D3S_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S_04 Datasheet
172Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS_12 Datasheet
590Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
FGB3040CS FAIRCHILD-FGB3040CS Datasheet
428Kb / 9P
   EcoSPARKTM 300mJ, 400V, N-Channel Current Sensing Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com