Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3761-G Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRF3761-G
Description  INTEGER-N PLL WITH INTEGRATED VCO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3761-G Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF3761-G Datasheet HTML 5Page - Texas Instruments TRF3761-G Datasheet HTML 6Page - Texas Instruments TRF3761-G Datasheet HTML 7Page - Texas Instruments TRF3761-G Datasheet HTML 8Page - Texas Instruments TRF3761-G Datasheet HTML 9Page - Texas Instruments TRF3761-G Datasheet HTML 10Page - Texas Instruments TRF3761-G Datasheet HTML 11Page - Texas Instruments TRF3761-G Datasheet HTML 12Page - Texas Instruments TRF3761-G Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
www.ti.com
TRF3761-C ELECTRICAL CHARACTERISTICS
TRF3761
SLWS181F – OCTOBER 2005 – REVISED JANUARY 2007
Supply voltage = V
CC = 5V, TA = –40 to 85 °C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE CHARACTERISTICS
100kHz offset
–119.5
600kHz offset
–138.8
VCO phase noise,
fVCO = 1723MHz,
1MHz offset
-143.9
dBc/Hz
Free running VCO direct output
fO = 1700MHz
6MHz offset
–155.3
10MHz offset
–157.5
100kHz offset
–126
600kHz offset
–145.2
VCO phase noise,
fVCO = 1723MHz,
1MHz offset
–149.5
dBc/Hz
Free running VCO divide-by-2 output
fO = 861.5 MHz
6MHz offset
–157.2
10MHz offset
–158
100kHz offset
–133
600kHz offset
-151
VCO phase noise,
fVCO = 1723MHz,
1MHz offset
-153.8
dBc/Hz
Free running VCO divide-by-4 output
fO = 430.75 MHz
6MHz offset
–156
10MHz offset
–156.5
1kHz offset
–85
600kHz offset
–138.3
4
VCO phase noise,
fVCO = 1723MHz,
dBc/Hz
Closed loop phase noise direct output(1)(2)(3)
fO = 1723MHz,
1MHz offset
–142.6
8
10MHz offset
–157.3
RMS phase error
100Hz to 10MHz
0.87
°
Closed loop phase noise direct output(3)
1kHz offset
–90.1
600kHz offset
–145
VCO phase noise,
fVCO = 1723MHz,
dBc/Hz
Closed loop phase noise divide-by-2 output(1)(2)(3)
fO = 861.5 MHz
1MHz offset
–148.6
10MHz offset
–158
RMS phase error
100Hz to 10MHz
0.53
°
Closed loop phase noise divide-by-2 output(3)
1kHz offset
–96.2
600kHz offset
–151
VCO phase noise,
fVCO = 1723MHz,
dBc/Hz
Closed loop phase noise divide-by-4 output(1)(2)(3)
fO = 430.75 MHz
1MHz offset
–153
10MHz offset
–156
RMS phase error
100Hz to 10MHz
0.33
°
Closed loop phase noise divide-by-4 output(3)
VCO gain, Kv
VCO free running
23
MHz/V
Reference spur(2)
–80
dBc
(1)
See Application Circuit Figure 78.
(2)
PFD = 200kHz, Loop Filter BW = 15kHz, Output frequency step = 200kHz.
(3)
Reference oscillator RMS phase error = 0.008250
°, RMS jitter = 881.764 fs.
9
Submit Documentation Feedback


Similar Part No. - TRF3761-G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761-G TI1-TRF3761-G Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
More results

Similar Description - TRF3761-G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
TRF3765 TI1-TRF3765 Datasheet
1Mb / 51P
[Old version datasheet]   Integer-N/Fractional-N PLL with Integrated VCO
logo
Skyworks Solutions Inc.
SKY73208-11 SKYWORKS-SKY73208-11 Datasheet
1Mb / 17P
   350-5000 MHz Wideband Receive Mixer with Integrated Integer-N PLL and VCO
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com