Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC2005 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # TSC2005
Description  1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TSC2005 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button TSC2005_07 Datasheet HTML 7Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 8Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 9Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 10Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 11Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 12Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 13Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 14Page - Burr-Brown (TI) TSC2005_07 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
www.ti.com
TOUCH SCREEN OPERATION
4-WIRE TOUCH SCREEN COORDINATE PAIR MEASUREMENT
ConductiveBar
InsulatingMaterial(Glass)
Silver
Ink
TransparentConductor(ITO)
BottomSide
Transparent
Conductor(ITO)
TopSide
X+
X-
Y+
Y-
ITO=IndiumTinOxide
R
TOUCH
+ RX−plate @
X
Postition
4096
Z
2
Z
1
* 1
(1)
R
TOUCH
+
R
X−plate
@ XPostition
4096
4096
Z
1
*1 *RY−plate @ 1*
Y
Position
4096
(2)
TSC2005
SBAS379A – DECEMBER 2006 – REVISED MAY 2007
OVERVIEW (continued)
A resistive touch screen operates by applying a voltage across a resistor network and measuring the change in
resistance at a given point on the matrix where the screen is touched by an input (stylus, pen, or finger). The
change in the resistance ratio marks the location on the touch screen.
The TSC2005 supports the resistive 4-wire configurations, as shown in Figure 20. The circuit determines
location in two coordinate pair dimensions, although a third dimension can be added for measuring pressure.
A 4-wire touch screen is typically constructed as shown in Figure 20. It consists of two transparent resistive
layers separated by insulating spacers.
Figure 20. 4-Wire Touch Screen Construction
The 4-wire touch screen panel works by applying a voltage across the vertical or horizontal resistive network.
The A/D converter converts the voltage measured at the point where the panel is touched. A measurement of
the Y position of the pointing device is made by connecting the X+ input to a data converter chip, turning on the
Y+ and Y– drivers, and digitizing the voltage seen at the X+ input. The voltage measured is determined by the
voltage divider developed at the point of touch. For this measurement, the horizontal panel resistance in the X+
lead does not affect the conversion because of the high input impedance of the A/D converter.
Voltage is then applied to the other axis, and the A/D converter converts the voltage representing the X position
on the screen. This process provides the X and Y coordinates to the associated processor.
Measuring touch pressure (Z) can also be done with the TSC2005. To determine pen or finger touch, the
pressure of the touch must be determined. Generally, it is not necessary to have very high performance for this
test; therefore, 10-bit resolution mode is recommended (however, data sheet calculations will be shown with the
12-bit resolution mode). There are several different ways of performing this measurement. The TSC2005
supports two methods. The first method requires knowing the X-plate resistance, the measurement of the
X-Position, and two additional cross panel measurements (Z2 and Z1) of the touch screen (see Figure 21).
Equation 1 calculates the touch resistance:
The second method requires knowing both the X-plate and Y-plate resistance, measurement of X-Position and
Y-Position, and Z1. Equation 2 also calculates the touch resistance:
11
Submit Documentation Feedback


Similar Part No. - TSC2005_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005I BURR-BROWN-TSC2005I Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLR BURR-BROWN-TSC2005IYZLR Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005IYZLT BURR-BROWN-TSC2005IYZLT Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
More results

Similar Description - TSC2005_07

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
logo
Texas Instruments
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2006 TI1-TSC2006_14 Datasheet
1Mb / 50P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008-Q1 TI1-TSC2008-Q1 Datasheet
881Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
logo
Burr-Brown (TI)
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com