Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75344G3 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # HUFA75344G3
Description  75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75344G3 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button HUFA75344G3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75344G3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
HUFA75344G3, HUFA75344P3, HUFA75344S3S, HUFA75344S3 Rev. B3
PSPICE Electrical Model
.SUBCKT HUFA75337 2 1 3 ;
rev 3 Feb 1999
CA 12 8 4.9e-9
CB 15 14 4.75e-9
CIN 6 8 2.85e-9
DBODY 7 5 DBODYMOD
DBREAK 5 11 DBREAKMOD
DPLCAP 10 5 DPLCAPMOD
EBREAK 11 7 17 18 59.7
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 6 10 6 8 1
EVTHRES 6 21 19 8 1
EVTEMP 20 6 18 22 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 2.6e-9
LSOURCE 3 7 1.1e-9
KGATE LSOURCE LGATE 0.0085
MMED 16 6 8 8 MMEDMOD
MSTRO 16 6 8 8 MSTROMOD
MWEAK 16 21 8 8 MWEAKMOD
RBREAK 17 18 RBREAKMOD 1
RDRAIN 50 16 RDRAINMOD 1.94e-3
RGATE 9 20 0.36
RLDRAIN 2 5 10
RLGATE 1 9 26
RLSOURCE 3 7 11
RSLC1 5 51 RSLCMOD 1e-6
RSLC2 5 50 1e3
RSOURCE 8 7 RSOURCEMOD 3.5e-3
RVTHRES 22 8 RVTHRESMOD 1
RVTEMP 18 19 RVTEMPMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 22 19 DC 1
ESLC 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)/(1e-6*400),3))}
.MODEL DBODYMOD D (IS = 2.95e-12 RS = 2.6e-3 TRS1 = 1.05e-3 TRS2 = 5.0e-7 CJO = 5.19e-9 TT = 5.9e-8 M = 0.55)
.MODEL DBREAKMOD D (RS = 1.65e-1 IKF = 30 TRS1 = 1.15e-4 TRS2 = 2.27e-6)
.MODEL DPLCAPMOD D (CJO = 5.40e-9 IS = 1e-30 N=1 M = 0.88 )
.MODEL MMEDMOD NMOS (VTO = 3.29 KP = 5.5 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 0.36)
.MODEL MSTROMOD NMOS (VTO = 3.83 KP = 123 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u)
.MODEL MWEAKMOD NMOS (VTO = 2.90 KP =0.04 IS = 1e-30 N = 10 TOX = 1 L = 1u W = 1u RG = 3.6)
.MODEL RBREAKMOD RES (TC1 = 1.15e-3 TC2 = 2.0e-7)
.MODEL RDRAINMOD RES (TC1 = 1.37e-2 TC2 = 3.85e-5)
.MODEL RSLCMOD RES (TC1 = 1.45e-4 TC2 = 2.11e-6)
.MODEL RSOURCEMOD RES (TC1 = 0 TC2 = 0)
.MODEL RVTHRESMOD RES (TC1 = -3.7e-3 TC2 = -1.6e-5)
.MODEL RVTEMPMOD RES (TC1 = -2.4e-3 TC2 = 7e-7)
.MODEL S1AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -6.9 VOFF= -3.9)
.MODEL S1BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -3.9 VOFF= -6.9)
.MODEL S2AMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = -2.99 VOFF= 2.39)
.MODEL S2BMOD VSWITCH (RON = 1e-5 ROFF = 0.1 VON = 2.39 VOFF= -2.99)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global
Temperature Options; IEEE Power Electronics Specialist Conference Records, 1991, written by William J. Hepp and C. Frank Wheatley.
18
22
+
-
6
8
+
-
5
51
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ESLC
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6
HUFA75344G3, HUFA75344P3, HUFA75344S3S


Similar Part No. - HUFA75344G3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75344G3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com