Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HUFA75344G3 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # HUFA75344G3
Description  75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA75344G3 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  HUFA75344G3_04 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75344G3_04 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2004 Fairchild Semiconductor Corporation
HUFA75344G3, HUFA75344P3, HUFA75344S3S, HUFA75344S3 Rev. B3
FIGURE 4. PEAK CURRENT CAPABILITY
FIGURE 5. FORWARD BIAS SAFE OPERATING AREA
NOTE: Refer to Fairchild Application Notes AN9321 and AN9322.
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING CAPABILITY
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
Typical Performance Curves (Continued)
101
100
10-1
10-2
10-3
10-4
10-5
50
100
2000
TC = 25
oC
I = I25
175 - TC
150
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:
VGS = 10V
t, PULSE WIDTH (s)
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
1000
VGS = 20V
10
100
1000
10
100
1
1200
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = MAX RATED
TC = 25
oC
100
µs
10ms
1ms
VDSS(MAX) = 55V
LIMITED BY rDS(ON)
AREA MAY BE
OPERATION IN THIS
tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD)
If R = 0
If R
≠ 0
tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
STARTING TJ = 25
oC
STARTING TJ = 150
oC
110
0.01
1000
10
tAV, TIME IN AVALANCHE (ms)
0.1
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
30
60
90
120
150
01234
VGS = 10V
PULSE DURATION = 80
µs
TC = 25
oC
VGS = 5V
VGS = 6V
VGS = 20V
VGS = 7V
DUTY CYCLE = 0.5% MAX
0
3
4.5
6
7.5
1.5
0
30
60
90
120
VGS, GATE TO SOURCE VOLTAGE (V)
150
175oC
-55oC
25oC
DUTY CYCLE = 0.5% MAX
PULSE DURATION = 80
µs
VDD = 15V
HUFA75344G3, HUFA75344P3, HUFA75344S3S


Similar Part No. - HUFA75344G3_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
More results

Similar Description - HUFA75344G3_04

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF75344G3 INTERSIL-HUF75344G3 Datasheet
135Kb / 9P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75344G3 FAIRCHILD-HUF75344G3_04 Datasheet
307Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUF75344G3 FAIRCHILD-HUF75344G3 Datasheet
314Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75344G3 FAIRCHILD-HUFA75344G3 Datasheet
336Kb / 10P
   75A, 55V, 0.008 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75345G3 FAIRCHILD-HUFA75345G3 Datasheet
579Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75343G3 INTERSIL-HUF75343G3 Datasheet
98Kb / 9P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF75337G3 FAIRCHILD-HUF75337G3 Datasheet
226Kb / 10P
   75A, 55V, 0.014 Ohm, N-Channel UltraFET Power MOSFETs
HUF75339G3 FAIRCHILD-HUF75339G3 Datasheet
292Kb / 9P
   75A, 55V, 0.012 Ohm, N-Channel UltraFET Power MOSFETs
HUF75343G3 FAIRCHILD-HUF75343G3 Datasheet
283Kb / 10P
   75A, 55V, 0.009 Ohm, N-Channel UltraFET Power MOSFETs
HUF75345G3 FAIRCHILD-HUF75345G3 Datasheet
286Kb / 10P
   75A, 55V, 0.007 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com