Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62351YZGT Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62351YZGT
Description  800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62351YZGT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62351YZGT Datasheet HTML 4Page - Texas Instruments TPS62351YZGT Datasheet HTML 5Page - Texas Instruments TPS62351YZGT Datasheet HTML 6Page - Texas Instruments TPS62351YZGT Datasheet HTML 7Page - Texas Instruments TPS62351YZGT Datasheet HTML 8Page - Texas Instruments TPS62351YZGT Datasheet HTML 9Page - Texas Instruments TPS62351YZGT Datasheet HTML 10Page - Texas Instruments TPS62351YZGT Datasheet HTML 11Page - Texas Instruments TPS62351YZGT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
www.ti.com
PIN ASSIGNMENTS
TPS6235x
QFN−10
(TOP VIEW)
TPS6235x
CSP−12
(TOP VIEW)
A3
B3
C3
D3
A2
B2
C2
D2
A1
B1
C1
D1
TPS6235x
CSP−12
(BOTTOM VIEW)
A1
B1
C1
D1
A2
B2
C2
D2
A3
B3
C3
D3
TPS62350, TPS62351
TPS62352, TPS62353, TPS62354
SLVS540B – MAY 2006 – REVISED DECEMBER 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NO.
NO.
NAME
QFN
CSP
PVIN
1
A3
Supply voltage for output power stage.
AVIN
2
B3
This is the input voltage pin of the device. Connect directly to the input bypass capacitor.
This is the enable pin of the device. Connect this pin to ground forces the device into shutdown
mode. Pulling this pin to VI enables the device. On the rising edge of the enable pin, all the
EN
7
C2
I
registers are reset with their default values. This pin must not be left floating and must be
terminated.
VSEL signal is primarily used to scale the output voltage and to set the TPS6235x operation
VSEL
5
D2
I
between active mode (VSEL=HIGH) and sleep mode (VSEL=LOW). The mode of operation can
also be adapted by I2C settings. This pin must not be left floating and must be terminated.
SDA
3
C3
I/O
Serial interface address/data line
SCL
4
D3
I
Serial interface clock line
FB
6
D1
I
Output feedback sense input. Connect FB to the converter output.
AGND
8
C1
Analog ground
Input for synchronization to external clock signal. Synchronizes the converter switching frequency
SYNC
N/A
B2
I
to an external clock signal. This pin must not be left floating and must be terminated. Connecting
SYNC to static high or low state has no effect on the converter operation.
PGND
9
A1 B1
Power ground. Connect to AGND underneath IC.
SW
10
A2
I/O
This is the switch pin of the converter and connected to the drain of the internal power MOSFETs.
PowerPAD™
N/A
Internally connected to PGND.
8
Submit Documentation Feedback


Similar Part No. - TPS62351YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62351YZGT TI1-TPS62351YZGT Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results

Similar Description - TPS62351YZGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650-Q1 TI1-TPS62650-Q1 Datasheet
1,006Kb / 40P
[Old version datasheet]   800-mA, 6-MHz High-Efficiency Step-Down Converter With I2C??Compatible Interface in Chip-Scale Packaging
TPS62350 TI-TPS62350 Datasheet
113Kb / 1P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I-2 C-TM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650_15 Datasheet
1Mb / 39P
[Old version datasheet]   800-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62300 TI-TPS62300_07 Datasheet
1Mb / 37P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62650 TI-TPS62650 Datasheet
1Mb / 37P
[Old version datasheet]   800-mA 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER WITH I2CTM COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62355DRCR TI1-TPS62355DRCR Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com