Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61202DRCR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61202DRCR
Description  LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61202DRCR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61202DRCR Datasheet HTML 2Page - Texas Instruments TPS61202DRCR Datasheet HTML 3Page - Texas Instruments TPS61202DRCR Datasheet HTML 4Page - Texas Instruments TPS61202DRCR Datasheet HTML 5Page - Texas Instruments TPS61202DRCR Datasheet HTML 6Page - Texas Instruments TPS61202DRCR Datasheet HTML 7Page - Texas Instruments TPS61202DRCR Datasheet HTML 8Page - Texas Instruments TPS61202DRCR Datasheet HTML 9Page - Texas Instruments TPS61202DRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Table of Graphs
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0.2 0.6 1 1.4 1.8 2.2 2.6 3 3.4 3.8 4.2 4.6 5 5.4
V -InputVoltage-V
I
TPS61201,
V
=3.3V
O
TPS61200,
V
=1.8V
O
TPS61202,
V
=5V
O
0
10
20
30
40
50
60
70
80
90
100
0.10
1
10
100
1k
10k
I
-OutputCurrent-mA
O
V =0.9V
I
TPS61200
V
=1.8V,
PowerSave
Enabled
O
V =1.8V
I
TPS61200
TPS61201
TPS61202
SLVS577 – MARCH 2007
FIGURE
Maximum output current
vs Input voltage
1
vs Output current (TPS61200), Power Save Enabled
2
vs Output current (TPS61200), Power Save Disabled
3
vs Output current (TPS61201), Power Save Enabled
4
vs Output current (TPS61201), Power Save Disabled
5
vs Output current (TPS61202), Power Save Enabled
6
Efficiency
vs Output current (TPS61202), Power Save Disabled
7
vs Input voltage (TPS61201), Power Save Enabled
8
vs Input voltage (TPS61201), Power Save Disabled
9
vs Input voltage (TPS61202), Power Save Enabled
10
vs Input voltage (TPS61202), Power Save Disabled
11
vs Output current (TPS61201)
12
Output voltage
vs Output current (TPS61202)
13
Output Voltage TPS61201, Power Save Mode Disabled
14
Output Voltage TPS61202, Power Save Mode Disabled
15
Output Voltage TPS61201, Power Save Mode Enabled
16
Output Voltage TPS61202, Power Save Mode Enabled
17
TPS61201 Load Transient Response
18
Waveforms
TPS61202 Load Transient Response
19
TPS61201 Line Transient Response
20
TPS61202 Line Transient Response
21
TPS61201 Startup after Enable
22
TPS61202 Startup after Enable
23
MAXIMUM OUTPUT CURRENT
EFFICIENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 1.
Figure 2.
6
Submit Documentation Feedback


Similar Part No. - TPS61202DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61202DRCR TI-TPS61202DRCR Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCR TI-TPS61202DRCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCR TI-TPS61202DRCR Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCRG4 TI-TPS61202DRCRG4 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61202DRCRG4 TI-TPS61202DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
More results

Similar Description - TPS61202DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61200 TI-TPS61200_08 Datasheet
995Kb / 26P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_081 TI-TPS61200_081 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200_082 TI-TPS61200_082 Datasheet
1Mb / 28P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH 1.3-A SWITCHES
TPS61200 TI-TPS61200_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS6120x Low Input Voltage Synchronous Boost Converter With 1.3-A Switches
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
[Old version datasheet]   LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
logo
Diodes Incorporated
AP72250 DIODES-AP72250_V01 Datasheet
2Mb / 26P
   0.6V TO 5.5V INPUT SYNCHRONOUS BOOST CONVERTER WITH 4.7A SWITCHES
Rev. 1 - 2 January 2022
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
[Old version datasheet]   TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com