Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65040 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS65040
Description  CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65040 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS65040_07 Datasheet HTML 13Page - Texas Instruments TPS65040_07 Datasheet HTML 14Page - Texas Instruments TPS65040_07 Datasheet HTML 15Page - Texas Instruments TPS65040_07 Datasheet HTML 16Page - Texas Instruments TPS65040_07 Datasheet HTML 17Page - Texas Instruments TPS65040_07 Datasheet HTML 18Page - Texas Instruments TPS65040_07 Datasheet HTML 19Page - Texas Instruments TPS65040_07 Datasheet HTML 20Page - Texas Instruments TPS65040_07 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 74 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
TPS65040
SLVS708B – NOVEMBER 2006 – REVISED APRIL 2007
Over recommended input conditions, T
A = –30°C to 85°C, typical values are VBAT = 3.8 V, VIO1V8 = 1.85 V at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PAVREF (D/A CONVERTER)(1)
Resolution
8
bit
Differential non-linearity
DNL
 
 
LSB
error(2)
INL
Integral non-linearity error(2)
 
 
LSB
Monotony Increase(2)
Specified
Full scale code digital input, ILOAD = 5 mA
2.85
2.90
2.95
VO(PAVREF)
Output voltage
Zero scale code digital input, ILOAD = 5 mA
0.90
0.95
1.0
V
Input code = F8h, ILOAD = 5 mA
2.80
2.85
2.90
IO(PAVREF)
Maximum output current
5
mA
ISD(PAVREF)
Shutdown current(3)
VBN1 pin at TA = 25°C
1
µA
Quiescent current(4)
VBN1 pin, ILOAD = 0 mA at TA = 25°C, Default code
IQ(PAVREF)
900
1500
µA
set
TXONFST pin = VVIO, TXON pin = VVIO,
Settling time1(2)
CL = 130 pF, Zero scale code to full scale code
5
µs
(95%)
tSET(PAVREF)
TXONFST pin = VVIO, TXON pin = VVIO,
Settling time2(2)
CL = 130 pF, Full scale code to zero scale code
5
µs
(5%)
TXONFST pin = VVIO and TXON pin = 0 V to VVIO,
tST(PAVREF)
Startup time
5
µ s
Full scale code (95%)
tF(PAVREF)
Output voltage falling time
TXON pin = VVIO to 0 V
15
µs
VON(PAVREF)
Output noise(2)
Default code, ILOAD = 0 mA
80
µVrms
Power supply ripple
PSRR(PAVREF)
FRIPPLE = 100 Hz, ILOAD = 5 mA, Full scale code
75
dB
rejection(2)(5)
RO(PAVREF)
Output impedance
TXONFST pin = VVIO, TXON pin = VVIO
20
RPD(PAVREF)
Pull down resistance
TXON pin = 0 V
100
CL
Capacitance load
130
pF
(1)
Output pin is PAVREF1, PAVREF2 or PAVREF3. Output pin can be selected by TBNDSEL1 and TBNDSE2 pin. More detail is given in
PAVREF section.
(2)
Not production tested. Specified by using the reference EVM.
(3)
REG_EN pin = Low, includes reference block and AFCDAC
(4)
Includes power consumption of the reference block.
(5)
Ripple voltage = 0.1 VPP
17
Submit Documentation Feedback


Similar Part No. - TPS65040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
More results

Similar Description - TPS65040_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65040 TI-TPS65040 Datasheet
1Mb / 72P
[Old version datasheet]   CLOCK- AND POWER-MANAGEMENT IC FOR RF SYSTEM
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
Toshiba Semiconductor
TC7734FTG TOSHIBA-TC7734FTG Datasheet
2Mb / 84P
   Power Management System IC
2015-6-5
logo
STMicroelectronics
L9952XP STMICROELECTRONICS-L9952XP Datasheet
854Kb / 68P
   Power management system IC
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
   Reset Management and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
L9952GXP STMICROELECTRONICS-L9952GXP Datasheet
865Kb / 68P
   Power management system IC
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
   System Power Management IC (PMIC) for applications
logo
Skyworks Solutions Inc.
SKY87021-11 SKYWORKS-SKY87021-11 Datasheet
145Kb / 2P
   Power Management IC for the SkyBlue System
SKY87020-13 SKYWORKS-SKY87020-13 Datasheet
149Kb / 2P
   Power Management IC for the SkyBlue System
logo
Semtech Corporation
SH3001 SEMTECH-SH3001 Datasheet
486Kb / 20P
   Real-Time Clock and Clock Management Support IC for Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com